Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF040A-80I/SNVXX Datasheet(PDF) 5 Page - Microchip Technology

Part # SST26VF040A-80I/SNVXX
Description  2.5V/3.0V 4-Mbit Serial Quad I/O??(SQI?? Flash Memory
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF040A-80I/SNVXX Datasheet(HTML) 5 Page - Microchip Technology

  SST26VF040A-80I/SNVXX Datasheet HTML 1Page - Microchip Technology SST26VF040A-80I/SNVXX Datasheet HTML 2Page - Microchip Technology SST26VF040A-80I/SNVXX Datasheet HTML 3Page - Microchip Technology SST26VF040A-80I/SNVXX Datasheet HTML 4Page - Microchip Technology SST26VF040A-80I/SNVXX Datasheet HTML 5Page - Microchip Technology SST26VF040A-80I/SNVXX Datasheet HTML 6Page - Microchip Technology SST26VF040A-80I/SNVXX Datasheet HTML 7Page - Microchip Technology SST26VF040A-80I/SNVXX Datasheet HTML 8Page - Microchip Technology SST26VF040A-80I/SNVXX Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 73 page
background image
 2020-2021 Microchip Technology Inc.
DS20006292B-page 5
SST26VF040A
3.0
MEMORY ORGANIZATION
The SST26VF040A SQI memory array is organized in
uniform, 4-Kbyte erasable sectors with the following
erasable blocks: with 32-Kbyte overlay erasable blocks
and 64-Kbyte overlay erasable blocks.
4.0
DEVICE OPERATION
SST26VF040A supports both
Serial Peripheral
Interface (SPI) bus protocol and a 4-bit multiplexed SQI
bus protocol. To provide backward compatibility to
traditional SPI Serial Flash devices, the device’s initial
state after a Power-on Reset is SPI mode which
supports multi-I/O (x1/x2/x4) read/write commands. A
command instruction configures the device to SQI
mode. The dataflow in the SQI mode is similar to the
SPI mode, except it uses four multiplexed I/O signals
for command, address, and data sequence.
SQI Flash memory supports both Mode 0 (0,0) and
Mode 3 (1,1) bus operations. The difference between
the two modes is the state of the SCK signal when the
bus host is in Standby mode and no data is being trans-
ferred. The SCK signal is low for Mode 0 and SCK sig-
nal is high for Mode 3. For both modes, the Serial Data
I/O (SIO[3:0]) is sampled at the rising edge of the SCK
clock signal for input, and driven after the falling edge
of the SCK clock signal for output. The traditional SPI
protocol uses separate input (SI) and output (SO) data
signals as shown in Figure 4-1. The SQI protocol uses
four multiplexed signals, SIO[3:0], for both data in and
data out, as shown in Figure 4-2. This means the SQI
protocol quadruples the traditional bus transfer speed
at the same clock frequency, without the need for more
pins on the package.
FIGURE 4-1:
SPI PROTOCOL (TRADITIONAL 25 SERIES SPI DEVICE)
FIGURE 4-2:
SQI SERIAL QUAD I/O PROTOCOL
MODE 3
SCK
SI
SO
CE#
MODE 3
Don’t Care
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
MODE 0
MODE 0
High-Impedance
MSB
MSB
MODE 3
CLK
SIO[3:0]
CE#
MODE 3
C1
C0
A5
A4
A3
A2
A1
A0
H0
L0
H1
L1
H2
L2
H3
L3
MODE 0
MODE 0
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com