Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF040A-80I/SNVXX Datasheet(PDF) 44 Page - Microchip Technology

Part # SST26VF040A-80I/SNVXX
Description  2.5V/3.0V 4-Mbit Serial Quad I/O??(SQI?? Flash Memory
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF040A-80I/SNVXX Datasheet(HTML) 44 Page - Microchip Technology

Back Button SST26VF040A-80I/SNVXX Datasheet HTML 40Page - Microchip Technology SST26VF040A-80I/SNVXX Datasheet HTML 41Page - Microchip Technology SST26VF040A-80I/SNVXX Datasheet HTML 42Page - Microchip Technology SST26VF040A-80I/SNVXX Datasheet HTML 43Page - Microchip Technology SST26VF040A-80I/SNVXX Datasheet HTML 44Page - Microchip Technology SST26VF040A-80I/SNVXX Datasheet HTML 45Page - Microchip Technology SST26VF040A-80I/SNVXX Datasheet HTML 46Page - Microchip Technology SST26VF040A-80I/SNVXX Datasheet HTML 47Page - Microchip Technology SST26VF040A-80I/SNVXX Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 73 page
background image
 2020-2021 Microchip Technology Inc.
DS20006292B-page 44
SST26VF040A
8.0
AC CHARACTERISTICS
TABLE 8-1:
AC OPERATING CHARACTERISTICS (VDD(1) = 2.3V-3.6V)
Symbol
Parameter
Limits - 40 MHz
Limits - 80 MHz(2)
Limits - 104 MHz
Units
Min.
Max.
Min.
Max.
Min.
Max.
FCLK
Serial Clock Frequency
—
40
—
80
—
104
MHz
TCLK
Serial Clock Period
—
25
—
12.5
—
9.6
ns
TSCKH
Serial Clock High Time
11
—
5.5
—
4.5
—
ns
TSCKL
Serial Clock Low Time
11
—
5.5
—
4.5
—
ns
TSCKR(3) Serial Clock Rise Time (slew rate)
0.1
—
0.1
—
0.1
—
V/ns
TSCKF(3) Serial Clock Fall Time (slew rate)
0.1
—
0.1
—
0.1
—
V/ns
TCES(4)
CE# Active Setup Time
8
—
5
—
5
—
ns
TCEH(4)
CE# Active Hold Time
8
—
5
—
5
—
ns
TCHS(4)
CE# Not Active Setup Time
8
—
5
—
5
—
ns
TCHH(4)
CE# Not Active Hold Time
8
—
5
—
5
—
ns
TCPH
CE# High Time
25
—
12.5
—
12
—
ns
TCHZ
CE# High-to-High Z Output
—
19
—
12.5
—
12
ns
TCLZ
SCK Low-to-Low Z Output
0
—
0
—
0
—
ns
THLS
HOLD# Low Setup Time
8
—
5
—
5
—
ns
THHS
HOLD# High Setup Time
8
—
5
—
5
—
ns
THLH
HOLD# Low Hold Time
8
—
5
—
5
—
ns
THHH
HOLD# High Hold Time
8
—
5
—
5
—
ns
THZ
HOLD# Low-to-High Z Output
—
8
—
8
—
8
ns
TLZ
HOLD# High-to-Low Z Output
—
8
—
8
—
8
ns
TDS
Data In Setup Time
3
—
3
—
3
—
ns
TDH
Data In Hold Time
4
—
4
—
4
—
ns
TOH
Output Hold from SCK Change
0
—
0
—
0
—
ns
TV
Output Valid from SCK
—
8/5(5)
—8/5(5)
—8/5(5)
ns
Note 1: Maximum operating frequency for 2.7V-3.6V is 104 MHz and for 2.3V-3.6V is 80 MHz.
2: Maximum frequency for 125°C is 80 MHz.
3: Maximum Rise and Fall time may be limited by TSCKH and TSCKL requirements.
4: Relative to SCK.
5: 30 pF/10 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com