Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF040A-80I/SNVXX Datasheet(PDF) 12 Page - Microchip Technology

Part # SST26VF040A-80I/SNVXX
Description  2.5V/3.0V 4-Mbit Serial Quad I/O??(SQI?? Flash Memory
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF040A-80I/SNVXX Datasheet(HTML) 12 Page - Microchip Technology

Back Button SST26VF040A-80I/SNVXX Datasheet HTML 8Page - Microchip Technology SST26VF040A-80I/SNVXX Datasheet HTML 9Page - Microchip Technology SST26VF040A-80I/SNVXX Datasheet HTML 10Page - Microchip Technology SST26VF040A-80I/SNVXX Datasheet HTML 11Page - Microchip Technology SST26VF040A-80I/SNVXX Datasheet HTML 12Page - Microchip Technology SST26VF040A-80I/SNVXX Datasheet HTML 13Page - Microchip Technology SST26VF040A-80I/SNVXX Datasheet HTML 14Page - Microchip Technology SST26VF040A-80I/SNVXX Datasheet HTML 15Page - Microchip Technology SST26VF040A-80I/SNVXX Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 73 page
background image
 2020-2021 Microchip Technology Inc.
DS20006292B-page 12
SST26VF040A
4.7.4
WRITE SUSPEND ERASE STATUS
(WSE)
The Write Suspend Erase status (WSE) indicates when
an erase operation is suspended. The WSE bit is ‘1’
after the host issues a suspend command during an
erase operation. Once the suspended erase resumes,
the WSE bit is reset to ‘0’.
4.7.5
WRITE SUSPEND PROGRAM
STATUS (WSP)
The Write Suspend Program status (WSP) bit indicates
when a program operation is suspended. The WSP
is ‘1’ after the host issues a suspend command during
the program operation. Once the suspended program
operation resumes, the WSP bit is reset to ‘0’.
4.7.6
RESET/HOLD ENABLE (RSTHLD)
The Reset/Hold Enable (RSTHLD) bit is a nonvolatile
bit that configures the RST#/HOLD#/SIO3 pin to be
either the RST# pin or the Hold# pin when not config-
ured as an I/O. There is latency associated with writing
to the RSTHLD bit. Poll the BUSY bit in the STATUS
register or wait TCONFIG for the completion of the
internal, self-timed write operation.
4.7.7
WRITE-PROTECT ENABLE (WPEN)
The Write-Protect Enable (WPEN) bit is a nonvolatile
bit that enables the WP# pin. The Write-Protect (WP#)
pin and the Write-Protect Enable (WPEN) bit control
the programmable hardware write-protect feature.
Setting the WP# pin to low, and the WPEN bit to ‘1’,
enables hardware write protection. To disable
hardware write protection, set either the WP# pin to
high or the WPEN bit to ‘0’. There is latency associated
with writing to the WPEN bit. Poll the BUSY bit in the
STATUS register or wait TCONFIG for the completion
of the internal, self-timed write operation. When the
chip is hardware write-protected, only write operations
to the BPL bit in the STATUS register and Configuration
register are disabled. See Section 4.2 “Hardware
Write Protection” and Table 4-1 for more information
about the functionality of the WPEN bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com