Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF040A-80I/SNVXX Datasheet(PDF) 9 Page - Microchip Technology

Part # SST26VF040A-80I/SNVXX
Description  2.5V/3.0V 4-Mbit Serial Quad I/O??(SQI?? Flash Memory
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF040A-80I/SNVXX Datasheet(HTML) 9 Page - Microchip Technology

Back Button SST26VF040A-80I/SNVXX Datasheet HTML 5Page - Microchip Technology SST26VF040A-80I/SNVXX Datasheet HTML 6Page - Microchip Technology SST26VF040A-80I/SNVXX Datasheet HTML 7Page - Microchip Technology SST26VF040A-80I/SNVXX Datasheet HTML 8Page - Microchip Technology SST26VF040A-80I/SNVXX Datasheet HTML 9Page - Microchip Technology SST26VF040A-80I/SNVXX Datasheet HTML 10Page - Microchip Technology SST26VF040A-80I/SNVXX Datasheet HTML 11Page - Microchip Technology SST26VF040A-80I/SNVXX Datasheet HTML 12Page - Microchip Technology SST26VF040A-80I/SNVXX Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 73 page
background image
 2020-2021 Microchip Technology Inc.
DS20006292B-page 9
SST26VF040A
4.6
STATUS Register
The software STATUS register provides status on
whether the Flash memory array is available for any
read or write operation, whether the device is
write-enabled, and the state of the memory write
protection. During an internal erase or program
operation, the STATUS register may be read only to
determine the completion of an operation in progress.
Table 4-3 describes the function of each bit in the
software STATUS register.
TABLE 4-2:
REGISTER SETTINGS AFTER HARDWARE AND SOFTWARE RESET
After Power Cycle
After Hardware Reset
After Software Reset
Status Register Bits
Busy Bit
00
0
WEL Bit
00
0
BP0 Bit
11
Unchanged
BP1 Bit
11
Unchanged
BP2 Bit
11
Unchanged
BPL Bit
00
Unchanged
Configuration Register Bits
IOC Bit
00
0
VLP Bit
00
Unchanged
SEC Bit
Unchanged
Unchanged
Unchanged
WSE Bit
00
0
WSP Bit
00
0
RSTHLD Bit
Unchanged
Unchanged
Unchanged
WPEN Bit
Unchanged
Unchanged
Unchanged
TABLE 4-3:
SOFTWARE STATUS REGISTER
Bit
Name
Function
Default at
Power-Up
Read/Write
0BUSY
1 = Internal write operation is in progress
0 = No internal write operation is in progress
0
R
1WEL
1 = Device is memory write-enabled
0 = Device is not memory write-enabled
0
R
2
BP0
Indicate current level of block write protection (see Table 4-4)
1
R/W
3
BP1
Indicate current level of block write protection (see Table 4-4)
1
R/W
4
BP2
Indicate current level of block write protection (see Table 4-4)
1
R/W
5
BP3
Indicate current level of block write protection (see Table 4-4)
0
R/W
6RES
Reserved
0
R
7
BPL
1 = BP3, BP2, BP1, BP0 are read-only bits
0 = BP3, BP2, BP1, BP0 are read/writable
0R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com