Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF040A-80I/MFVXX Datasheet(PDF) 27 Page - Microchip Technology

Part # SST26VF040A-80I/MFVXX
Description  2.5V/3.0V 4-Mbit Serial Quad I/O??(SQI?? Flash Memory
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF040A-80I/MFVXX Datasheet(HTML) 27 Page - Microchip Technology

Back Button SST26VF040A-80I/MFVXX Datasheet HTML 23Page - Microchip Technology SST26VF040A-80I/MFVXX Datasheet HTML 24Page - Microchip Technology SST26VF040A-80I/MFVXX Datasheet HTML 25Page - Microchip Technology SST26VF040A-80I/MFVXX Datasheet HTML 26Page - Microchip Technology SST26VF040A-80I/MFVXX Datasheet HTML 27Page - Microchip Technology SST26VF040A-80I/MFVXX Datasheet HTML 28Page - Microchip Technology SST26VF040A-80I/MFVXX Datasheet HTML 29Page - Microchip Technology SST26VF040A-80I/MFVXX Datasheet HTML 30Page - Microchip Technology SST26VF040A-80I/MFVXX Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 73 page
background image
 2020-2021 Microchip Technology Inc.
DS20006292B-page 27
SST26VF040A
FIGURE 5-20:
4-KBYTE SECTOR ERASE SEQUENCE (SPI)
5.18
32-Kbyte Block Erase and
64-Kbyte Block Erase
The 32-Kbyte Block Erase instruction clears all bits in
the selected 32-Kbyte block to FFH. The 64-Kbyte
Block Erase instruction clears all bits in the selected
64-Kbyte block to FFH. A 32-Kbyte Block Erase or
64-Kbyte Block Erase instruction applied to a protected
memory area will be ignored. Prior to any block erase
operation, the Write Enable (WREN) instruction must be
executed. CE# must remain active-low for the duration
of any command sequence. The 32-Kbyte Block Erase
instruction is initiated by executing an 8-bit command
52H, followed by address bits [A23:A0]. Address bits
[AMS:A15] (AMS = Most Significant Address) are used
to determine block address (BAX), remaining address
bits can be VIL or VIH. CE# must be driven high before
the instruction is executed.
The 64-Kbyte Block Erase instruction is initiated by
executing an 8-bit command D8H, followed by address
bits [A23:A0]. Address bits [AMS:A16] (AMS = Most
Significant Address) are used to determine block
address (BAX), remaining address bits can be VIL or
VIH. CE# must be driven high before the instruction is
executed. The user may poll the BUSY bit in the
software STATUS register or wait TBE for the
completion of the internal self-timed 32-Kbyte Block
Erase or 64-Kbyte Block Erase cycles. See
Figures 5-21 and 5-22 for the 32-Kbyte Block Erase
sequence and Figures 5-23 and 5-24 for the 64-Kbyte
Block Erase sequence.
FIGURE 5-21:
32-KBYTE BLOCK-ERASE SEQUENCE (SQI)
CE#
SO
SI
SCK
ADD.
0 1 234 5 6 78
ADD.
ADD.
20
High-Impedance
15 16
23 24
31
MODE 0
MODE 3
MSB
MSB
MODE 3
0
1
SCK
SIO[3:0]
CE#
C1 C0
MODE 0
2
A5 A4
MSN LSN
4
A3 A2
6
A1 A0
Note:
MSN = Most Significant Nibble, LSN = Least Significant Nibble, C[1:0] = 52H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com