Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF040A-80I/MFVXX Datasheet(PDF) 60 Page - Microchip Technology

Part # SST26VF040A-80I/MFVXX
Description  2.5V/3.0V 4-Mbit Serial Quad I/O??(SQI?? Flash Memory
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF040A-80I/MFVXX Datasheet(HTML) 60 Page - Microchip Technology

Back Button SST26VF040A-80I/MFVXX Datasheet HTML 56Page - Microchip Technology SST26VF040A-80I/MFVXX Datasheet HTML 57Page - Microchip Technology SST26VF040A-80I/MFVXX Datasheet HTML 58Page - Microchip Technology SST26VF040A-80I/MFVXX Datasheet HTML 59Page - Microchip Technology SST26VF040A-80I/MFVXX Datasheet HTML 60Page - Microchip Technology SST26VF040A-80I/MFVXX Datasheet HTML 61Page - Microchip Technology SST26VF040A-80I/MFVXX Datasheet HTML 62Page - Microchip Technology SST26VF040A-80I/MFVXX Datasheet HTML 63Page - Microchip Technology SST26VF040A-80I/MFVXX Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 73 page
background image
 2020-2021 Microchip Technology Inc.
DS20006292B-page 60
SST26VF040A
JEDEC Sector Map Parameter Header: 4th DWORD
14H
A7:A0
00H
Parameter Table Pointer (PTP)
This 24-bit address specifies the start of this header’s Parameter table in the
SFDP structure. The address must be DWORD-aligned.
15H
A15:A8
01H
16H
A23:A16
00H
17H
A31:A24
FFH
Parameter ID MSB Number
Microchip (Vendor) Parameter Header: 5th DWORD
18H
A7:A0
BFH
ID Number
Manufacture ID (vendor specified header)
19H
A15:A8
00H
Parameter Table Minor Revision Number
1AH
A23:A16
01H
Parameter Table Major Revision Number, Revision 1.0
1BH
A31:A24
13H
Parameter Table Length, 19 Double Words
Microchip (Vendor) Parameter Header: 6th DWORD
1CH
A7:A0
00H
Parameter Table Pointer (PTP)
This 24-bit address specifies the start of this header’s Parameter table in the
SFDP structure. The address must be DWORD-aligned.
1DH
A15:A8
02H
1EH
A23:A16
00H
1FH
A31:A24
01H
Used to indicate bank number (vendor specific).
JEDEC Flash Parameter Table
JEDEC Flash Parameter Table: 1st DWORD
30H
A1:A0
FDH
Block/Sector Erase Sizes
00: Reserved
01: 4-Kbyte Erase
10: Reserved
11: Use this setting only if the 4-Kbyte erase is unavailable.
A2
Write Granularity
0: Single-byte programmable devices or buffer programmable devices with
buffer is less than 64 bytes (32 words).
1: For buffer programmable devices when the buffer size is 64 bytes
(32 words) or larger.
A3
Volatile STATUS Register
0: Target Flash has nonvolatile Status bit. Write/Erase commands do not
require STATUS register to be written on every power-on.
1: Target Flash has volatile Status bits.
A4
Write Enable Opcode Select for Writing to Volatile STATUS Register
0: 0x50. Enables a STATUS register write when bit 3 is set to ‘1’.
1: 0x06 Enables a STATUS register write when bit 3 (A3) is set to ‘1’.
A7:A5
Unused. Contains 111b and cannot be changed.
31H
A15:A8
20H
4-Kbyte Erase Opcode
TABLE 11-1:
SERIAL FLASH DISCOVERABLE PARAMETER (SFDP) (SHEET 2 OF 13)
Address
Bit
Address
Data
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com