Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF040A-80I/MFVXX Datasheet(PDF) 46 Page - Microchip Technology

Part # SST26VF040A-80I/MFVXX
Description  2.5V/3.0V 4-Mbit Serial Quad I/O??(SQI?? Flash Memory
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF040A-80I/MFVXX Datasheet(HTML) 46 Page - Microchip Technology

Back Button SST26VF040A-80I/MFVXX Datasheet HTML 42Page - Microchip Technology SST26VF040A-80I/MFVXX Datasheet HTML 43Page - Microchip Technology SST26VF040A-80I/MFVXX Datasheet HTML 44Page - Microchip Technology SST26VF040A-80I/MFVXX Datasheet HTML 45Page - Microchip Technology SST26VF040A-80I/MFVXX Datasheet HTML 46Page - Microchip Technology SST26VF040A-80I/MFVXX Datasheet HTML 47Page - Microchip Technology SST26VF040A-80I/MFVXX Datasheet HTML 48Page - Microchip Technology SST26VF040A-80I/MFVXX Datasheet HTML 49Page - Microchip Technology SST26VF040A-80I/MFVXX Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 73 page
background image
 2020-2021 Microchip Technology Inc.
DS20006292B-page 46
SST26VF040A
FIGURE 8-4:
RESET TIMING DIAGRAM
FIGURE 8-5:
HARDWARE RESET TIMING DIAGRAM
TABLE 8-2:
RESET TIMING PARAMETERS
TR(I)
Parameter
Minimum
Maximum
Units
TRECR Reset to Read (non-data operation)
—
20
ns
TRECP
Reset Recovery from Program or Suspend
—
100
µs
TRECE
Reset Recovery from Erase
—
1
ms
TRST
Reset Pulse Width (Hardware Reset)
100
—
ns
TRHZ
Reset to High Z Output
—
105
ns
Note:
C[1:0] = 66H; C[3:2] = 99H
MODE 3
CLK
SIO[3:0]
CE#
MODE 3
C1
C3 C2
C0
MODE 0
MODE 3
MODE 0
MODE 0
TCPH
CE#
SO
SI
SCK
RST#
TRECR
TRECP
TRECE
TRST
TRHZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com