Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF040A-80I/MFVXX Datasheet(PDF) 65 Page - Microchip Technology

Part # SST26VF040A-80I/MFVXX
Description  2.5V/3.0V 4-Mbit Serial Quad I/O??(SQI?? Flash Memory
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF040A-80I/MFVXX Datasheet(HTML) 65 Page - Microchip Technology

Back Button SST26VF040A-80I/MFVXX Datasheet HTML 61Page - Microchip Technology SST26VF040A-80I/MFVXX Datasheet HTML 62Page - Microchip Technology SST26VF040A-80I/MFVXX Datasheet HTML 63Page - Microchip Technology SST26VF040A-80I/MFVXX Datasheet HTML 64Page - Microchip Technology SST26VF040A-80I/MFVXX Datasheet HTML 65Page - Microchip Technology SST26VF040A-80I/MFVXX Datasheet HTML 66Page - Microchip Technology SST26VF040A-80I/MFVXX Datasheet HTML 67Page - Microchip Technology SST26VF040A-80I/MFVXX Datasheet HTML 68Page - Microchip Technology SST26VF040A-80I/MFVXX Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 73 page
background image
 2020-2021 Microchip Technology Inc.
DS20006292B-page 65
SST26VF040A
5AH
A30:A24
81H
Chip Erase Typical time
Typical time = (count+1)*units
16 ms to 512 ms, 256 ms to 8192 ms, 4s to 128s, 64s to 2048s
A28:A24 count = 1 = 00001b
A30:A29 units = 16 ms = 00b
A31
Reserved
A31 = 1b
JEDEC Flash Parameter Table: 12th DWORD
5CH
A3:A0
EDH
Prohibited Operations During Program Suspend
xxx0b: May not initiate a new erase anywhere
xxx1b: May not initiate a new erase in the program suspended page
size
xx0xb: May not initiate a new page program anywhere
xx1xb: May not initiate a new page program in program suspended page
size
x0xxb: Refer to the data sheet
x1xxb: May not initiate a read in the program suspended page size
0xxxb: Additional erase or program restrictions apply
1xxxb: The erase and program restrictions in bits 1:0 are sufficient
A7:A4
Prohibited Operation During Erase Suspend
xxx0b: May not initiate a new erase anywhere
xxx1b: May not initiate a new erase in the erase suspended page size
xx0xb: May not initiate a new page program anywhere
xx1xb: May not initiate a new page program in erase suspended erase
type size
x0xxb: Refer to the data sheet
x1xxb: May not initiate a read in the erase suspended page size
0xxxb: Additional erase or program restrictions apply
1xxxb: The erase and program restrictions in bits 5:4 are sufficient
5DH
A8
0FH
Reserved = 1b
A12:A9
Program Resume to Suspend Interval
The device requires this typical amount of time to make progress on the
program operation before allowing another suspend.
Interval = 500 µs
Program resume to suspend interval = (count+1)*64 µs
A12:A9 = 7 = 0111b
A15:A13
Suspend in-progress program max latency
Maximum time required by the Flash device to suspend an in-progress
program and be ready to accept another command which accesses the
Flash array.
Max. latency = 25 µs
program max. latency =(count+1)*units
units (00b: 128 ns, 01b: 1 µs, 10b: 8 µs, 11b: 64 µs)
A17:A13 = count = 24 = 11000b
A19:A18 = 1 µs = 01b
5EH
A19:A16
77H
0111b
A23:A20
Erase Resume to Suspend Interval
The device requires this typical amount of time to make progress on the
erase operation before allowing another suspend.
Interval = 500 µs
Erase resume to suspend interval = (count+1)*64 µs
A23:A20 = 7 = 0111b
TABLE 11-1:
SERIAL FLASH DISCOVERABLE PARAMETER (SFDP) (SHEET 7 OF 13)
Address
Bit
Address
Data
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com