Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF040A-80I/MFVXX Datasheet(PDF) 66 Page - Microchip Technology

Part # SST26VF040A-80I/MFVXX
Description  2.5V/3.0V 4-Mbit Serial Quad I/O??(SQI?? Flash Memory
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF040A-80I/MFVXX Datasheet(HTML) 66 Page - Microchip Technology

Back Button SST26VF040A-80I/MFVXX Datasheet HTML 62Page - Microchip Technology SST26VF040A-80I/MFVXX Datasheet HTML 63Page - Microchip Technology SST26VF040A-80I/MFVXX Datasheet HTML 64Page - Microchip Technology SST26VF040A-80I/MFVXX Datasheet HTML 65Page - Microchip Technology SST26VF040A-80I/MFVXX Datasheet HTML 66Page - Microchip Technology SST26VF040A-80I/MFVXX Datasheet HTML 67Page - Microchip Technology SST26VF040A-80I/MFVXX Datasheet HTML 68Page - Microchip Technology SST26VF040A-80I/MFVXX Datasheet HTML 69Page - Microchip Technology SST26VF040A-80I/MFVXX Datasheet HTML 70Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 73 page
background image
 2020-2021 Microchip Technology Inc.
DS20006292B-page 66
SST26VF040A
5FH
A30:A24
38H
Suspend in-progress erase max. latency
Maximum time required by the Flash device to suspend an in-progress erase
and be ready to accept another command which accesses the Flash array.
Max. latency = 25 µs
Erase max. latency = (count+1)*units
units (00b: 128 ns, 01b: 1µs, 10b: 8 µs, 11b: 64 µs)
A28:A24= count = 24 = 11000b
A30:A29 = 1 µs = 01b
A31
Suspend/Resume supported
0: supported
1: not supported
JEDEC Flash Parameter Table: 13th DWORD
60H
A7:A0
30H
Program Resume Instruction
61H
A15:A8
B0H
Program Suspend Instruction
62H
A23:A16
30H
Resume Instruction
63H
A31:A24
B0H
Suspend Instruction
JEDEC Flash Parameter Table: 14th DWORD
64H
A1:A0
F7H
Reserved = 11b
A7:A2
STATUS Register Polling Device Busy
111101b: Use of legacy polling is supported by reading the STATUS register
with 05h instruction and checking WIP bit [0] (0 = ready, 1 =busy)
65H
A14:A8
A9H
Exit Deep Power-Down to next operation delay – 10 µs
Delay = (count+1)*unit
A12:A8 = count = 9 = 01001b
A14:A13 units = 01b = 1 µs
A15
Exit Power-Down Instruction – ABH= 10101011b
A15 = 1b
66H
A22:A16
D5H
A22:A16 = 1010101b
A23
Enter Power-Down Instruction – B9H = 10111001b
A23 = 1b
67H
A30:A24
5CH
A30:A24 = 1011100
A31
Deep Power-Down Supported
0: supported
1: not supported
JEDEC Flash Parameter Table: 15th DWORD
68H
A3:A0
29H
4-4-4 mode disable sequences
Xxx1b: issue FF instruction
1xxxb: issue the Soft Reset 66/99 sequence
A7:A4
4-4-4 mode enable sequences
X_xx1xb: issue instruction 38H
69H
A8
C2H
4-4-4 mode enable sequences
A8 = 0
A9
0-4-4 mode supported
0: not supported
1: supported
A15:A10
0-4-4 Mode Exit Method
X1_xxxx: Mode Bit[7:0] Not = AXh
1x_xxxx: Reserved = 1
TABLE 11-1:
SERIAL FLASH DISCOVERABLE PARAMETER (SFDP) (SHEET 8 OF 13)
Address
Bit
Address
Data
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com