Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF040A-80I/MFVXX Datasheet(PDF) 35 Page - Microchip Technology

Part # SST26VF040A-80I/MFVXX
Description  2.5V/3.0V 4-Mbit Serial Quad I/O??(SQI?? Flash Memory
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF040A-80I/MFVXX Datasheet(HTML) 35 Page - Microchip Technology

Back Button SST26VF040A-80I/MFVXX Datasheet HTML 31Page - Microchip Technology SST26VF040A-80I/MFVXX Datasheet HTML 32Page - Microchip Technology SST26VF040A-80I/MFVXX Datasheet HTML 33Page - Microchip Technology SST26VF040A-80I/MFVXX Datasheet HTML 34Page - Microchip Technology SST26VF040A-80I/MFVXX Datasheet HTML 35Page - Microchip Technology SST26VF040A-80I/MFVXX Datasheet HTML 36Page - Microchip Technology SST26VF040A-80I/MFVXX Datasheet HTML 37Page - Microchip Technology SST26VF040A-80I/MFVXX Datasheet HTML 38Page - Microchip Technology SST26VF040A-80I/MFVXX Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 73 page
background image
 2020-2021 Microchip Technology Inc.
DS20006292B-page 35
SST26VF040A
5.31
Write Enable (WREN)
The Write Enable (WREN) instruction sets the Write
Enable Latch bit in the STATUS register to ‘1’, allowing
write operations to occur. The WREN instruction must be
executed prior to any of the following operations:
Sector Erase, 32-Kbyte Block Erase or 64-Kbyte Block
Erase, Chip Erase, Page Program, Program Security
ID, Lockout Security ID, Lock-Down Protection
Settings, SPI Quad Page program, and Write STATUS
register. To execute a Write Enable the host drives CE#
low then sends the Write Enable command cycle (06H)
then drives CE# high. See Figures 5-34 and 5-35 for
the WREN instruction sequence.
FIGURE 5-34:
WRITE ENABLE SEQUENCE (SQI)
FIGURE 5-35:
WRITE ENABLE SEQUENCE (SPI)
MODE 3
0
1
SCK
SIO[3:0]
CE#
06
MODE 0
CE#
SO
SI
SCK
0 1 234 5 6 7
06
High-Impedance
MODE 0
MODE 3
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com