Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF040A-80I/MFVXX Datasheet(PDF) 10 Page - Microchip Technology

Part # SST26VF040A-80I/MFVXX
Description  2.5V/3.0V 4-Mbit Serial Quad I/O??(SQI?? Flash Memory
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF040A-80I/MFVXX Datasheet(HTML) 10 Page - Microchip Technology

Back Button SST26VF040A-80I/MFVXX Datasheet HTML 6Page - Microchip Technology SST26VF040A-80I/MFVXX Datasheet HTML 7Page - Microchip Technology SST26VF040A-80I/MFVXX Datasheet HTML 8Page - Microchip Technology SST26VF040A-80I/MFVXX Datasheet HTML 9Page - Microchip Technology SST26VF040A-80I/MFVXX Datasheet HTML 10Page - Microchip Technology SST26VF040A-80I/MFVXX Datasheet HTML 11Page - Microchip Technology SST26VF040A-80I/MFVXX Datasheet HTML 12Page - Microchip Technology SST26VF040A-80I/MFVXX Datasheet HTML 13Page - Microchip Technology SST26VF040A-80I/MFVXX Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 73 page
background image
 2020-2021 Microchip Technology Inc.
DS20006292B-page 10
SST26VF040A
4.6.1
BUSY
The BUSY bit determines whether there is an internal
erase or program operation in progress. A ‘1’ for the
BUSY bit indicates the device is busy with an operation
in progress. A ‘0’ indicates the device is ready for the
next valid operation.
4.6.2
WRITE ENABLE LATCH (WEL)
The Write Enable Latch bit indicates the status of the
internal memory Write Enable Latch. If the Write
Enable Latch bit is set to ‘1’, it indicates the device is
write-enabled. If the bit is set to ‘0’ (Reset), it indicates
the device is not write-enabled and does not accept
any memory write (program/erase) commands. The
Write Enable Latch bit is automatically reset under the
following conditions:
• Power-Up
• Write Disable (WRDI) instruction completion
• Page Program instruction completion
• Sector Erase instruction completion
• Block Erase instructions (32-Kbyte and 64-Kbyte)
completion
• Chip Erase instruction completion
• Write STATUS Register instruction completion
• Software or hardware Reset
• Lock-Down Protection Setting instruction comple-
tion
• Program Security ID instruction completion
• Lockout Security ID instruction completion
• Write-Suspend instruction
• SPI Quad Page program instruction completion
4.6.3
BLOCK PROTECTION (BP3, BP2,
BP1, BP0)
The Block Protection (BP3, BP2, BP1, BP0) bits define
the size of the memory area, as defined in Table 4-4, to
be software-protected against any memory write (pro-
gram or erase) operations.
The Write STATUS Register (WRSR) instruction is used
to program the BP3, BP2, BP1 and BP0 bits as long as
WP# pin is high or the Block Protect Lock (BPL) bit is
‘0’. Chip Erase can only be executed if Block Protection
bits are ‘0’. After power-up, BP3, BP2, BP1 and BP0
are set to defaults specified in Table 4-4.
4.6.4
BLOCK PROTECTION LOCK-DOWN
(BPL)
WP# pin driven low (VIL), IO bit = 0 and WPEN bit = 1
enable the Block Protection Lock-Down (BPL) bit.
When BPL is set to ‘1’, it prevents any further alteration
of the BPL, BP3, BP2, BP1, and BP0 bits. When the
WP# pin is driven high (VIH), the BPL bit has no effect
and its value is “don’t care”. After power-up and
hardware Reset, the BPL bit is reset to ‘0’.
TABLE 4-4:
SOFTWARE STATUS REGISTER BLOCK PROTECTION
Protected Level
STATUS Register Bit
Protected Memory Address
BP3
BP2
BP1
BP0
8 Mbit
None
X0
0
0
None
Upper 1/8
X0
0
1
70000H-7FFFFH
Upper 1/4
X0
1
0
60000H-7FFFFH
Upper 1/2
X0
1
1
40000H-7FFFFH
All
X1
0
0
00000H-7FFFFH
All
X1
0
1
00000H-7FFFFH
All
X1
1
0
00000H-7FFFFH
All
X1
1
1
00000H-7FFFFH
Note 1: X = “Don’t care” (Reserved) default is ‘0’.
2: Default at power-up for BP3, BP2, BP1 and BP0 is ‘0111’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com