Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS31256 Datasheet(PDF) 63 Page - Maxim Integrated Products

Part # DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 63 Page - Maxim Integrated Products

Back Button DS31256 Datasheet HTML 59Page - Maxim Integrated Products DS31256 Datasheet HTML 60Page - Maxim Integrated Products DS31256 Datasheet HTML 61Page - Maxim Integrated Products DS31256 Datasheet HTML 62Page - Maxim Integrated Products DS31256 Datasheet HTML 63Page - Maxim Integrated Products DS31256 Datasheet HTML 64Page - Maxim Integrated Products DS31256 Datasheet HTML 65Page - Maxim Integrated Products DS31256 Datasheet HTML 66Page - Maxim Integrated Products DS31256 Datasheet HTML 67Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
63 of 183
Repetitive Pattern Length Map
Length
Code
Length
Code
Length
Code
Length
Code
17 Bits
0000
18 Bits
0001
19 Bits
0010
20 Bits
0011
21 Bits
0100
22 Bits
0101
23 Bits
0110
24 Bits
0111
25 Bits
1000
26 Bits
1001
27 Bits
1010
28 Bits
1011
29 Bits
1100
30 Bits
1101
31 Bits
1101
32 Bits
1111
Bit 13/Interrupt Enable for Counter Overflow (IEOF). Allows the receive BERT to cause an interrupt if either
the bit counter or the error counter overflows.
0 = interrupt masked
1 = interrupt enabled
Bit 14/Interrupt Enable for Bit Error Detected (IEBED). Allows the receive BERT to cause an interrupt if a bit
error is detected.
0 = interrupt masked
1 = interrupt enabled
Bit 15/Interrupt Enable for Change-of-Synchronization Status (IESYNC). Allows the receive BERT to cause
an interrupt if there is a change of state in the synchronization status (i.e., the receive BERT either goes into or out
of synchronization).
0 = interrupt masked
1 = interrupt enabled
Register Name:
BERTC1
Register Description:
BERT Control Register 1
Register Address:
0504h
Bit #
7
6
5
4
3
2
1
0
Name
EIB2
EIB1
EIB0
SBE
n/a
n/a
n/a
TC
Default
0
0
0
0
0
0
0
0
Bit #
15
14
13
12
11
10
9
8
Name
Alternating Word Count
Default
0
0
0
0
0
0
0
0
Note: Bits that are underlined are read-only; all other bits are read-write.
Bit 0/Transmit Pattern Load (TC). A low-to-high transition loads the pattern generator with repetitive or
pseudorandom pattern that is to be generated. This bit should be toggled from low to high whenever the host
wishes to load a new pattern. Must be cleared and set again for subsequent loads.
Bit 4/Single Bit-Error Insert (SBE). A low-to-high transition creates a single bit error. Must be cleared and set
again for a subsequent bit error to be inserted.
Bit 5/Error Insert Bit 0 (EIB0); Bit 6/Error Insert Bit 1 (EIB1); Bit 7/Error Insert Bit 2 (EIB2).
Automatically inserts bit errors at the prescribed rate into the generated data pattern. Useful for verifying error
detection operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com