Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS31256 Datasheet(PDF) 22 Page - Maxim Integrated Products

Part # DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 22 Page - Maxim Integrated Products

Back Button DS31256 Datasheet HTML 18Page - Maxim Integrated Products DS31256 Datasheet HTML 19Page - Maxim Integrated Products DS31256 Datasheet HTML 20Page - Maxim Integrated Products DS31256 Datasheet HTML 21Page - Maxim Integrated Products DS31256 Datasheet HTML 22Page - Maxim Integrated Products DS31256 Datasheet HTML 23Page - Maxim Integrated Products DS31256 Datasheet HTML 24Page - Maxim Integrated Products DS31256 Datasheet HTML 25Page - Maxim Integrated Products DS31256 Datasheet HTML 26Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
22 of 183
3.4 JTAG Signal Description
Signal Name:
JTCLK
Signal Description:
JTAG IEEE 1149.1 Test Serial Clock
Signal Type:
Input
This signal is used to shift data into JTDI on the rising edge and out of JTDO on the falling edge. If unused, this
signal should be pulled high.
Signal Name:
JTDI
Signal Description:
JTAG IEEE 1149.1 Test Serial-Data Input
Signal Type:
Input (with internal 10k
Ω pullup)
Test instructions and data are clocked into this signal on the rising edge of JTCLK. If unused, this signal should be
pulled high. This signal has an internal pullup.
Signal Name:
JTDO
Signal Description:
JTAG IEEE 1149.1 Test Serial-Data Output
Signal Type:
Output
Test instructions are clocked out of this signal on the falling edge of JTCLK. If unused, this signal should be left
open circuited.
Signal Name:
JTRST
Signal Description:
JTAG IEEE 1149.1 Test Reset
Signal Type:
Input (with internal 10k
Ω pullup)
This signal is used to asynchronously reset the test access port controller. At power-up,
JTRST must be set low
and then high. This action sets the device into the boundary scan bypass mode, allowing normal device operation.
If boundary scan is not used, this signal should be held low. This signal has an internal pullup.
Signal Name:
JTMS
Signal Description:
JTAG IEEE 1149.1 Test Mode Select
Signal Type:
Input (with internal 10k
Ω pullup)
This signal is sampled on the rising edge of JTCLK and is used to place the test port into the various defined IEEE
1149.1 states. If unused, this signal should be pulled high. This signal has an internal pullup.
3.5 PCI Bus Signal Description
Signal Name:
PCLK
Signal Description:
PCI and System Clock
Signal Type:
Input (Schmitt triggered)
This clock input provides timing for the PCI bus and the device’s internal logic. A 25MHz to 33MHz clock with a
nominal 50% duty cycle should be applied here.
Signal Name:
PRST
Signal Description:
PCI Reset
Signal Type:
Input
This active-low input is used to force an asynchronous reset to both the PCI bus and the device’s internal logic.
When forced low, this input forces all the internal logic of the device into its default state, forces the PCI outputs
into tri-state, and forces the TD[15:0] output port-data signals high.
Signal Name:
PAD0 to PAD31
Signal Description:
PCI Address and Data Multiplexed Bus
Signal Type:
Input/Output (tri-state capable)
Both address and data information are multiplexed onto these signals. Each bus transaction consists of an address
phase followed by one or more data phases. Data can be either read or written in bursts. The address is transferred
during the first clock cycle of a bus transaction. When the Little Endian format is selected, PAD[31:24] is the
MSB of the DWORD; when Big Endian is selected, PAD[7:0] contains the MSB. When the device is an initiator,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com