Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS31256 Datasheet(PDF) 68 Page - Maxim Integrated Products

Part # DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 68 Page - Maxim Integrated Products

Back Button DS31256 Datasheet HTML 64Page - Maxim Integrated Products DS31256 Datasheet HTML 65Page - Maxim Integrated Products DS31256 Datasheet HTML 66Page - Maxim Integrated Products DS31256 Datasheet HTML 67Page - Maxim Integrated Products DS31256 Datasheet HTML 68Page - Maxim Integrated Products DS31256 Datasheet HTML 69Page - Maxim Integrated Products DS31256 Datasheet HTML 70Page - Maxim Integrated Products DS31256 Datasheet HTML 71Page - Maxim Integrated Products DS31256 Datasheet HTML 72Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
68 of 183
Table 7-B. Receive HDLC Functions
FUNCTION
DESCRIPTION
Zero Destuff
This operation is disabled if the channel is set to transparent mode.
Flag Detection and
Byte Alignment
Okay to have two packets separated by only one flag or by two flags sharing a 0.
This operation is disabled if the channel is set to transparent mode.
Octet Length Check
The minimum check is for 4 Bytes with CRC-16 and 6 Bytes with CRC-32 (packets
with less than the minimum lengths are not passed to the PCI bus).
The maximum check is programmable up to 65,536 Bytes through the RHPL register.
The maximum check can be disabled through the ROLD control bit in the RHCD
register.
The minimum and maximum counts include the FCS.
An error is also reported if a noninteger number of octets occur between flags.
CRC Check
Can be either set to CRC-16 or CRC-32 or none.
The CRC can be passed through to the PCI bus or not.
The CRC check is disabled if the channel is set to transparent mode.
Abort Detection
Checks for seven or more 1s in a row.
Invert Data
All data (including the flags and FCS) is inverted before HDLC processing.
Also available in the transparent mode.
Bit Flip
The first bit received becomes either the LSB (normal mode) or the MSB (telecom
mode) of the byte stored in the FIFO.
Also available in the transparent mode.
Transparent Mode
If enabled, flag detection, zero destuffing, abort detection, length checking, and FCS
checking are disabled.
Data is passed to the PCI bus on octet (i.e., byte) boundaries in channelized operation.
Table 7-C. Transmit HDLC Functions
Zero Stuffing
Only used between opening and closing flags.
Is disabled between a closing flag and an opening flag and for sending aborts and/or
interfill data.
Disabled if the channel is set to the transparent mode.
Interfill Selection
Can be either 7Eh or FFh.
Flag Generation
A programmable number of flags (1 to 16) can be set between packets.
Disabled if the channel is set to the transparent mode.
CRC Generation
Can be either CRC-16 or CRC-32 or none.
Disabled if the channel is set to transparent mode.
Invert Data
All data (including the flags and FCS) is inverted after processing.
Also available in the transparent mode.
Bit Flip
The LSB (normal mode) of the byte from the FIFO becomes the first bit sent or the
MSB (telecom mode) becomes the first bit sent.
Also available in the transparent mode.
Transparent Mode
If enabled, flag generation, zero stuffing, and FCS generation is disabled.
Passes bytes from the PCI Bus to Layer 1 on octet (byte) boundaries.
Invert FCS
When enabled, it inverts all of the bits in the FCS (useful for HDLC testing).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com