Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS31256 Datasheet(PDF) 30 Page - Maxim Integrated Products

Part # DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 30 Page - Maxim Integrated Products

Back Button DS31256 Datasheet HTML 26Page - Maxim Integrated Products DS31256 Datasheet HTML 27Page - Maxim Integrated Products DS31256 Datasheet HTML 28Page - Maxim Integrated Products DS31256 Datasheet HTML 29Page - Maxim Integrated Products DS31256 Datasheet HTML 30Page - Maxim Integrated Products DS31256 Datasheet HTML 31Page - Maxim Integrated Products DS31256 Datasheet HTML 32Page - Maxim Integrated Products DS31256 Datasheet HTML 33Page - Maxim Integrated Products DS31256 Datasheet HTML 34Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
30 of 183
4.9 Transmit DMA Registers (8xx)
OFFSET/
ADDRESS
NAME
REGISTER
SECTION
0800
TPQBA0
Transmit Pending-Queue Base Address 0 (lower word)
9.3.3
0804
TPQBA1
Transmit Pending-Queue Base Address 1 (upper word)
9.3.3
0808
TPQEA
Transmit Pending-Queue End Address
9.3.3
080C
TPQWP
Transmit Pending-Queue Host Write Pointer
9.3.3
0810
TPQRP
Transmit Pending-Queue DMA Read Pointer
9.3.3
0830
TDQBA0
Transmit Done-Queue Base Address 0 (lower word)
9.3.4
0834
TDQBA1
Transmit Done-Queue Base Address 1 (upper word)
9.3.4
0838
TDQEA
Transmit Done-Queue End Address
9.3.4
083C
TDQRP
Transmit Done-Queue Host Read Pointer
9.3.4
0840
TDQWP
Transmit Done-Queue DMA Write Pointer
9.3.4
0844
TDQFFT
Transmit Done-Queue FIFO Flush Timer
9.3.4
0850
TDBA0
Transmit Descriptor Base Address 0 (lower word)
9.3.2
0854
TDBA1
Transmit Descriptor Base Address 1 (upper word)
9.3.2
0870
TDMACIS
Transmit DMA Configuration Indirect Select
9.3.5
0874
TDMAC
Transmit DMA Configuration
9.3.5
0880
TDMAQ
Transmit DMA Queues Control
9.3.3/9.3.4
4.10 FIFO Registers (9xx)
OFFSET/
ADDRESS
NAME
REGISTER
SECTION
0900
RFSBPIS
Receive FIFO Starting Block Pointer Indirect Select
8.2
0904
RFSBP
Receive FIFO Starting Block Pointer
8.2
0910
RFBPIS
Receive FIFO Block Pointer Indirect Select
8.2
0914
RFBP
Receive FIFO Block Pointer
8.2
0920
RFHWMIS
Receive FIFO High-Watermark Indirect Select
8.2
0924
RFHWM
Receive FIFO High Watermark
8.2
0980
TFSBPIS
Transmit FIFO Starting Block Pointer Indirect Select
8.2
0984
TFSBP
Transmit FIFO Starting Block Pointer
8.2
0990
TFBPIS
Transmit FIFO Block Pointer Indirect Select
8.2
0994
TFBP
Transmit FIFO Block Pointer
8.2
09A0
TFLWMIS
Transmit FIFO Low-Watermark Indirect Select
8.2
09A4
TFLWM
Transmit FIFO Low Watermark
8.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com