Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS31256 Datasheet(PDF) 83 Page - Maxim Integrated Products

Part # DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 83 Page - Maxim Integrated Products

Back Button DS31256 Datasheet HTML 79Page - Maxim Integrated Products DS31256 Datasheet HTML 80Page - Maxim Integrated Products DS31256 Datasheet HTML 81Page - Maxim Integrated Products DS31256 Datasheet HTML 82Page - Maxim Integrated Products DS31256 Datasheet HTML 83Page - Maxim Integrated Products DS31256 Datasheet HTML 84Page - Maxim Integrated Products DS31256 Datasheet HTML 85Page - Maxim Integrated Products DS31256 Datasheet HTML 86Page - Maxim Integrated Products DS31256 Datasheet HTML 87Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
83 of 183
9. DMA
9.1 Introduction
The DMA block (Figure 2-1) handles the transfer of packet data from the FIFO block to the PCI block
and vice versa. Throughout this section, the terms host and descriptor are used. Host is defined as the
CPU or intelligent controller that sits on the PCI bus and instructs the device about how to handle the
incoming and outgoing packet data. Descriptor is defined as a preformatted message that is passed from
the host to the DMA block or vice versa to indicate where packet data should be placed or obtained from.
On power-up, the DMA is disabled because the RDE and TDE control bits in the master configuration
register (Section 5) are set to 0. The host must configure the DMA by writing to all of the registers listed
in Table 9-A (which includes all 256 channel locations in the receive and transmit configuration RAMs),
then enable the DMA by setting to the RDE and TDE control bits to 1.
The structure of the DMA is such that the receive- and transmit-side descriptor-address spaces can be
shared, even among multiple chips on the same bus. Through the master control register, the host
determines how long the DMA is allowed to burst onto the PCI bus. The default value is 32 dwords (128
Bytes) but, through the DT0 and DT1 control bits, the host can enable the receive or transmit DMAs to
burst either 64 dwords (256 Bytes), 128 dwords (512 Bytes), or 256 dwords (1024 Bytes).
The receive and transmit packet descriptors have almost identical structures (Sections 9.2.2 and 9.3.2),
which provide a minimal amount of host intervention in store-and-forward applications. In other words,
the receive descriptors created by the receive DMA can be used directly by the transmit DMA. The
receive and transmit portions of the DMA are completely independent and are discussed separately.
The DS31256 has no restrictions on the transmit side, but has the following restrictions on the location
and size of receive buffers in host memory:
• All receive buffers must start on a DWORD aligned address.
• All receive buffers must have a size in bytes that is a multiple of 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com