Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS31256 Datasheet(PDF) 52 Page - Maxim Integrated Products

Part # DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 52 Page - Maxim Integrated Products

Back Button DS31256 Datasheet HTML 48Page - Maxim Integrated Products DS31256 Datasheet HTML 49Page - Maxim Integrated Products DS31256 Datasheet HTML 50Page - Maxim Integrated Products DS31256 Datasheet HTML 51Page - Maxim Integrated Products DS31256 Datasheet HTML 52Page - Maxim Integrated Products DS31256 Datasheet HTML 53Page - Maxim Integrated Products DS31256 Datasheet HTML 54Page - Maxim Integrated Products DS31256 Datasheet HTML 55Page - Maxim Integrated Products DS31256 Datasheet HTML 56Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
52 of 183
Register Name:
CP[n]RDIS, where n = 0 to 15 for each port
Register Description:
Channelized Port [n] Register Data Indirect Select
Register Address:
See the Register Map in Section 4.
Bit #
7
6
5
4
3
2
1
0
Name
n/a
CHID6
CHID5
CHID4
CHID3
CHID2
CHID1
CHID0
Default
0
0
0
0
0
0
0
0
Bit #
15
14
13
12
11
10
9
8
Name
IAB
IARW
n/a
n/a
n/a
n/a
CPRS1
CPRS0
Default
0
0
0
0
0
0
0
0
Note: Bits that are underlined are read-only; all other bits are read-write.
Bits 0 to 6/DS0 Channel ID (CHID0 to CHID6). The number of DS0 channels used depends on whether the port
has been configured for an unchannelized application or for a channelized application. If set for a channelized
application, the number of DS0 channels depends on whether the port has been configured in the T1, E1,
4.096MHz, or 8.192MHz mode.
0000000 (00h) = DS0 channel number 0
1111111 (7Fh) = DS0 channel number 127
PORT MODE
DS0 CHANNELS
AVAILABLE
Unchannelized (RUEN/TUEN = 1)
0
Channelized T1 (RUEN/TUEN = 0 and RSS0/TSS0 = 0 and RSS1/TSS1 = 0)
0 to 23
Channelized E1 (RUEN/TUEN = 0 and RSS0/TSS0 = 1 and RSS1/TSS1 = 0)
0 to 31
Channelized 4.096MHz (RUEN/TUEN = 0 and RSS0/TSS0 = 0 and RSS1/TSS1 = 1)
0 to 63
Channelized 8.192MHz (RUEN/TUEN = 0 and RSS0/TSS0 = 1 and RSS1/TSS1 = 1)
0 to 127
Bit 8/Channelized PORT RAM Select Bit 0 (CPRS0); Bit 9/Channelized PORT RAM Select Bit 1 (CPRS1)
00 = channelized DS0 data (C[n]DAT[j])
01 = receive configuration (R[n]CFG[j])
10 = transmit configuration (T[n]CFG[j])
11 = illegal selection
Bit 14/Indirect Access Read/Write (IARW). When the host wishes to read data from the internal channelized
PORT RAM, this bit should be written to 1 by the host. This causes the device to begin obtaining data from the
DS0 channel location indicated by the CHID bits and the data from the PORT RAM indicated by the CPRS0 and
CPRS1 bits. During the read access, the IAB bit is set to 1. Once the data is ready to be read from the CP[n]RD
register, the IAB bit is set to 0. When the host wishes to write data to the internal channelized PORT RAM, the
host should write this bit to 0. This causes the device to take the data that is currently present in the CP[n]RD
register and write it to the PORT RAM indicated by the CPRS0 and CPRS1 bits and the DS0 channel indicated by
the CHID bits. When the device has completed the write, the IAB is set to 0.
Bit 15/Indirect Access Busy (IAB). When an indirect read or write access is in progress, this read-only bit is set
to 1. During a read operation, this bit is set to 1 until data is ready to be read. It is set to 0 when the data is ready to
be read. During a write operation, this bit is set to 1 while the write is taking place. It is set to 0 once the write
operation has completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com