Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS31256 Datasheet(PDF) 53 Page - Maxim Integrated Products

Part # DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 53 Page - Maxim Integrated Products

Back Button DS31256 Datasheet HTML 49Page - Maxim Integrated Products DS31256 Datasheet HTML 50Page - Maxim Integrated Products DS31256 Datasheet HTML 51Page - Maxim Integrated Products DS31256 Datasheet HTML 52Page - Maxim Integrated Products DS31256 Datasheet HTML 53Page - Maxim Integrated Products DS31256 Datasheet HTML 54Page - Maxim Integrated Products DS31256 Datasheet HTML 55Page - Maxim Integrated Products DS31256 Datasheet HTML 56Page - Maxim Integrated Products DS31256 Datasheet HTML 57Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
53 of 183
Register Name:
CP[n]RD, where n = 0 to 15 for each port
Register Description:
Channelized Port [n] Register Data
Register Address:
See the Register Map in Section 4.
Bit #
7
6
5
4
3
2
1
0
Name
CHD7
CHD6
CHD5
CHD4
CHD3
CHD2
CHD1
CHD0
Default
0
0
0
0
0
0
0
0
Bit #
15
14
13
12
11
10
9
8
Name
CHD15
CHD14
CHD13
CHD12
CHD11
CHD10
CHD9
CHD8
Default
0
0
0
0
0
0
0
0
Note: Bits that are underlined are read-only; all other bits are read-write.
Bits 0 to 15/DS0 Channel Data (CHD0 to CHD15). This is the 16-bit data that is to either be written into or read
from the PORT RAM, specified by the CP[n]RDIS register.
Figure 6-4. Port RAM Indirect Access
CP[n]RDIS
CP[n]RD
Port RAM (one each for all 16 ports; n = 0 to 15)
C[n]DAT0
R[n]CFG0
T[n]CFG0
C[n]DAT1
R[n]CFG1
T[n]CFG1
C[n]DAT2
R[n]CFG2
T[n]CFG2
C[n]DAT3
R[n]CFG3
T[n]CFG3
C[n]DAT4
R[n]CFG4
T[n]CFG4
...
...
...
C[n]DAT126
R[n]CFG126
T[n]CFG126
C[n]DAT127
R[n]CFG127
T[n]CFG127
Register Name:
C[n]DAT[j], where n = 0 to 15 for each port and j = 0 to 127 for each DS0
Register Description:
Channelized Layer 1 DS0 Data Register
Register Address:
Indirect Access through CP[n]RD
Bit #
7
6
5
4
3
2
1
0
Name
RDATA(8): Receive DS0 Data
Default
Bit #
15
14
13
12
11
10
9
8
Name
TDATA(8): Transmit DS0 Data
Default
Note: Bits that are underlined are read-only; all other bits are read-write.
Note: In normal device operation, the host must never write to the C[n]DAT[j] registers.
Bits 0 to 7/Receive DS0 Data (RDATA). This register holds the most current DS0 byte received. It is used by the
transmit-side Layer 1 state machine when channelized network loopback (CNLB) is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com