Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4413 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC4413
Description  High Power Prioritized PowerPath Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4413 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC4413 Datasheet HTML 3Page - Analog Devices LTC4413 Datasheet HTML 4Page - Analog Devices LTC4413 Datasheet HTML 5Page - Analog Devices LTC4413 Datasheet HTML 6Page - Analog Devices LTC4413 Datasheet HTML 7Page - Analog Devices LTC4413 Datasheet HTML 8Page - Analog Devices LTC4413 Datasheet HTML 9Page - Analog Devices LTC4413 Datasheet HTML 10Page - Analog Devices LTC4413 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
LTC4421
7
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
VOUT Switching from Higher to
Lower Voltage
VOUT Switching from Lower to
Higher Voltage
OV, UV Validation Time vs QUAL
Capacitance
VALID, CH, FAULT Output Low
Voltage vs Pull-Up Current
GATE Break-Before-Make Time vs
Temperature
OV, UV Propagation Delay vs
Overdrive
GATE Drive vs GATE Current
TA = 25°C, EXTVCC = 11V, unless otherwise noted.
GATE Drive vs Temperature
VOUT
COUT = 100µF
ILOAD = 5A
30V NCH SiR158DP
50µs/DIV
V1
4V/DIV
V2
4V/DIV
IV1
2A/DIV
4421 G10
0V, 0A
VOUT
COUT = 100µF
ILOAD = 5A
30V NCH SiR158DP
50µs/DIV
V1
5V/DIV
V2
5V/DIV
IV2
2A/DIV
4421 G11
0A
0V
CQUAL (pF)
10
100
1000
0.1
1
10
100
4421 G12
125°C
25°C
–40°C
EXTVCC = 3V
PULL–UP CURRENT (mA)
0
1
2
3
4
5
0
200
400
600
800
1000
4421 G13
EXTVCC = 3.1V
EXTVCC = 11V
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
9
10
11
12
13
14
4421 G14
OVERDRIVE (mV)
1
10
100
1000
0
10
20
30
40
50
4421 G15
3V
3.2V
5V
12V
36V
IGATE (µA)
0
2
4
6
8
10
8.0
9.0
10.0
11.0
12.0
4421 G16
CPOREF:
CPOREF = 12V
IGATE = 1µA
CPOREF = 3.2V
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
10.0
10.4
10.8
11.2
11.6
12.0
4421 G17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com