Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4413 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC4413
Description  High Power Prioritized PowerPath Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4413 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC4413 Datasheet HTML 9Page - Analog Devices LTC4413 Datasheet HTML 10Page - Analog Devices LTC4413 Datasheet HTML 11Page - Analog Devices LTC4413 Datasheet HTML 12Page - Analog Devices LTC4413 Datasheet HTML 13Page - Analog Devices LTC4413 Datasheet HTML 14Page - Analog Devices LTC4413 Datasheet HTML 15Page - Analog Devices LTC4413 Datasheet HTML 16Page - Analog Devices LTC4413 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
LTC4421
13
Rev. 0
For more information www.analog.com
Introduction
High availability systems employ multiple input supplies
to power a single common output. When individual sup-
plies such as wall adapters and batteries are unplugged at
various points in time, output power must not brown out
as control of the output power is transferred to the other
supply. Power ORing diodes are often used in these sys-
tems, but the highest input supply voltage always pow-
ers the output. The LTC4421 powers the output from
the highest priority supply available, even if it is lower
in voltage than the lower priority supplies. When switch-
ing between supplies, output voltage droop is minimized,
and backfeeding current is prevented. A typical LTC4421
application circuit is shown in Figure 1, where the primary
APPLICATIONS INFORMATION
input supply is 12V and the secondary is 28V. External
component selection is discussed in detail in the follow-
ing sections.
Setting Valid Operating Voltage Range
The LTC4421 requires an input supply remain inside a
user-defined voltage window for a user-defined amount of
time to be considered valid. The valid voltage window is
set by a resistive divider from the input supply to ground
that allows three thresholds voltages to be configured:
the UV rising threshold (VUVRISE), the UV falling thresh-
old (VUVFALL) and the OV rising threshold (VOVRISE). The
OV falling threshold is set by internal hysteresis to be
10% below the OV rising threshold. Using the 500mV
Figure 1. Typical LTC4421 Application Circuit
LTC4421 F01
CINTVCC
1µF
35.7k
R1
12.7k
R2
20k
R3
1M
R4
15.4k
R5
6.19k
R6
69.8k
R7
1M
R8
C2
0.1µF
M1
PSMN4R8100BSE
M2
PSMN1R440YLD
M3
PSMN4R8100BSE
M4
PSMN1R440YLD
CCP0
1µF
CTMR2
47nF
CTMR1
47nF
CQUAL
470pF
COUT
220µF
D1
SMDJ36A
D2
SMDJ36A
RSENSE1
2.5m
2.5m
RSENSE2
GATE1 SOURCE1
OUT2
GATE2 SOURCE2
V1
EXTVCC
INTVCC
TMR1
OV1
OV2
V2
CPO
SENSE1
SENSE2
VALID1
VALID2
GND
FAULT1
FAULT2
CH1
CH2
DISABLE1
DISABLE2
SHDN
UVF1
UVF2
UVR1
UVR2
OUT1
TMR2
CASIN
CASOUT
QUAL
RETRY
CPOREF
CG2
47nF
CG1
47nF
PRIMARY
12V
VOUT
SECONDARY
28V
LTC4421
DIGITAL
STATUS
OUTPUTS
DIGITAL
CONTROL
INPUTS
UVF1 = 7.81V
UVR1 = 11.04V
OV1 = 14.96V
UVF2 = 5.97V
UVR2 = 25.28V
OV2 = 35.4V
RSN1
1.2
CSN1
10µF
RSN2
2.8
CSN2
10µF
ILIM1 = 10A
ILIM2 = 10A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com