Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4413 Datasheet(PDF) 24 Page - Analog Devices

Part # LTC4413
Description  High Power Prioritized PowerPath Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4413 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTC4413 Datasheet HTML 20Page - Analog Devices LTC4413 Datasheet HTML 21Page - Analog Devices LTC4413 Datasheet HTML 22Page - Analog Devices LTC4413 Datasheet HTML 23Page - Analog Devices LTC4413 Datasheet HTML 24Page - Analog Devices LTC4413 Datasheet HTML 25Page - Analog Devices LTC4413 Datasheet HTML 26Page - Analog Devices LTC4413 Datasheet HTML 27Page - Analog Devices LTC4413 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
LTC4421
24
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
master LTC4421 to CASIN of the lower priority slave
LTC4421, as shown in Figure 13.
When both master input supplies are invalid, the master
verifies that it has disconnected both supplies from the
output before driving its CASOUT pin high. This ensures
the reverse conduction paths from the output back to the
master inputs are blocked before the slave is allowed to
power the output. The master LTC4421 pulls CASOUT
up to INTVCC using a 20µA current source, allowing the
slave LTC4421 to connect its highest priority valid supply
to the output.
When the slave is powering the output and one of the
master’s inputs becomes valid, the master simultane-
ously connects its valid channel to the output and drives
its CASOUT pin low to force the slave to disconnect its
inputs. To prevent cross conduction, make the connection
between the master’s CASOUT and slave’s CASIN as short
as possible. This minimizes the capacitance of the con-
nection and hence the turn-off delay of the slave channel.
This scheme can be extended to prioritize as many input
supplies as necessary. Connect each additional lower
priority LTC4421’s OUT pins to the common output volt-
age and connect its CASIN pin to the CASOUT pin of the
next higher priority LTC4421. Note that driving the mas-
ter LTC4421’s CASIN pin low disconnects all input sup-
plies in the system. Driving the master’s DISABLE1 and
DISABLE2 pins low disconnects the master’s inputs from
the output and allows the slave LTC4421’s to connect to
the output.
Figure 13. Using Two LTC4421’s in a Cascading Application to Prioritize Four Input
Supplies. (The Master and Slave V2 Power Paths are Omitted for Clarity)
CG1
M1
SiR158DP
M2
SiR158DP
2.5m
RSENSE1
47nF
GATE1 SOURCE1
CASIN
CASOUT
V1
SENSE1
OUT1
DISABLE1
DISABLE2
M5
SiR158DP
M6
SiR158DP
2.5m
RSENSE3
CG3
47nF
CASIN
SHDN
CASOUT
VOUT
V1
V3
LTC4421
MASTER
LTC4421
LTC4421 F13
SLAVE
L = DISCONNECT ALL CHANNELS
H = CONNECT HIGHEST PRIORITY VALID CHANNEL
L = DISABLE MASTER, ENABLE SLAVE
CONNECT HIGH
GATE1 SOURCE1
V1
SENSE1
OUT1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com