Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4413 Datasheet(PDF) 21 Page - Analog Devices

Part # LTC4413
Description  High Power Prioritized PowerPath Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4413 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTC4413 Datasheet HTML 17Page - Analog Devices LTC4413 Datasheet HTML 18Page - Analog Devices LTC4413 Datasheet HTML 19Page - Analog Devices LTC4413 Datasheet HTML 20Page - Analog Devices LTC4413 Datasheet HTML 21Page - Analog Devices LTC4413 Datasheet HTML 22Page - Analog Devices LTC4413 Datasheet HTML 23Page - Analog Devices LTC4413 Datasheet HTML 24Page - Analog Devices LTC4413 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LTC4421
21
Rev. 0
For more information www.analog.com
takes a correspondingly longer time to charge up by the
internal charge pump, resulting in longer delays from ini-
tial power-up of the first input supply to first connection
to the output. A smaller capacitor suffers more voltage
drop during a channel turn-on event as it shares charge
with CG and the MOSFET CISS capacitances. Given the
limited charging capability of the charge pump, continu-
ously changing channels at rates higher than 80Hz (typi-
cal) eventually depletes the CCPO capacitor, causing dis-
connection of both inputs from the output. At that point,
the charge pump charges the CCPO capacitor above 6.7V,
the inputs are then allowed to reconnect to the output, and
the process repeats.
Analog Current Limit Loop Stability
The active current limit loop is compensated by adding a
capacitor CG between the gate and source of the external
MOSFETs. Choosing 47nF for CG ensures stability for all
recommended MOSFETs. In addition, add a snubber from
the input supply to ground consisting of resistor RSN in
series with capacitor CSN. Choose RSN using Equation 16.
R
SN =
V
IN
I
LIM
(16)
where VIN is the maximum input supply voltage and ILIM
is the current limit being set by RSENSE. Setting CSN to
10µF works well for all applications. Applications having
small input inductance and low output load current may
use values as low as 1µF for CSN.
Setting Qualification Time for Validity
The QUAL pin sets the amount of time a supply must
be inside the OV, UV voltage window to be valid.
Connect a capacitor CQUAL from QUAL to ground and
use Equation 17 to set the validation time:
t
VALID = CQUAL
• 16[ms/nF]
(17)
where tVALID is the validation time. Note that the validation
time is the same for both channels. To set a fixed qualifi-
cation time of 3.5µs, connect QUAL to INTVCC instead of
connecting a capacitor to ground.
APPLICATIONS INFORMATION
If possible, set a qualification time on the order of 10ms
or longer. This allows the LTC4421’s gate driver parking
circuitry to pre-bias the GATE1 voltage to its GATE Parking
Voltage when hot-plugging the V1 input supply. This will
reduce switchover time and hence output voltage droop
when switching from Channel 2 to Channel 1.
Optional Charge Pump Pre-Charge Circuit
The LTC4421 prevents the input supplies from being
validated and powering the output until the external CCPO
capacitor voltage is charged to 6.7V (VCPO(UVL)) above the
higher of the CPOREF and INTVCC voltages. With a typical
CCPO capacitor of 1µF, the charge pump voltage may take
several hundred milliseconds to charge to 6.7V. For input
supplies ≥ 12V, this time can be shortened by pre-charging
the CPO pin with the circuit shown in Figure 9. The 12V
Zener diode Z1 and NPN transistor Q1 are used to quickly
charge the CPO voltage to about 10.8V above ground. For
V1, V2 voltages below 12V, the circuit pre-charges CPO
to a voltage approximately 1.8V below the higher of the
V1 and V2 voltages. Diode D3 prevents reverse current
conduction when an input supply is connected to VOUT
and causes the CPO voltage to rise above 9V. Diodes D1
and D2 form a diode-OR circuit that powers the Z1 and Q1
from the higher of the V1 and V2 input supply voltages.
Figure 9. Optional CPO Pre-Charge. The Higher Voltage of Input
Supplies V1 and V2 Pre-Charges the CPO Voltage to Reduce
System Power-Up Time
CPO
CPOREF
CCPO
1µF
12V
Z1
BZX84C12L
R1
1k
D1
1N4148
COUT
220µF
D2
1N4148
R2
100k
D3
1N4148
D4
1N4148
Q1
2N2222
VOUT
LTC4421
LTC4421 F09
V1
V2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com