Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4413 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC4413
Description  High Power Prioritized PowerPath Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4413 Datasheet(HTML) 2 Page - Analog Devices

  LTC4413 Datasheet HTML 1Page - Analog Devices LTC4413 Datasheet HTML 2Page - Analog Devices LTC4413 Datasheet HTML 3Page - Analog Devices LTC4413 Datasheet HTML 4Page - Analog Devices LTC4413 Datasheet HTML 5Page - Analog Devices LTC4413 Datasheet HTML 6Page - Analog Devices LTC4413 Datasheet HTML 7Page - Analog Devices LTC4413 Datasheet HTML 8Page - Analog Devices LTC4413 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LTC4421
2
Rev. 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltages
V1, V2, EXTVCC........................................–10V to 60V
OUT1, OUT2, CPOREF..............................–10V to 45V
Input Voltages
DISABLE1, DISABLE2, SHDN….............. –0.3V to 60V
CASIN ...................................................... –0.3V to 6V
SENSE1, SENSE2, SOURCE1, SOURCE2..–10V to 45V
UVF1, UVF2, UVR1, UVR2, OV1, OV2 .... –0.3V to 60V
RETRY, TMR1, TMR2, QUAL....–0.3V to INTVCC+0.3V
Output Voltages
VALID1, VALID2, CH1, CH2,
FAULT1, FAULT2, CPO............................. –0.3V to 60V
INTVCC..................................................... –0.3V to 6V
(Notes 1, 2)
GATE1, GATE2 (Note 3) .............................–0.3V to CPO
CASOUT… ................................................... –0.3V to 6V
Output Currents
FAULT1, FAULT2, CH1, CH2, VALID1, VALID2,
CASOUT...............................................................5mA
Operating Ambient Temperature Range
LTC4421C ................................................ 0°C to 70°C
LTC4421I .............................................–40°C to 85°C
LTC4421H.......................................... –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
11 12 13 14
TOP VIEW
37
UHE PACKAGE
36-LEAD (5mm × 6mm) PLASTIC QFN
TJMAX = 150°C, θJA = 43°C/W, θJC = 5°C/W
EXPOSED PAD (Pin 37), PCB GND CONNECTION OPTIONAL
15 16 17 18
36 35 34 33 32 31 30 29
21
22
23
24
25
26
27
28
8
7
6
5
4
3
2
1
SOURCE1
GATE1
V1
UVF1
UVR1
OV1
TMR1
DISABLE1
CH1
VALID1
SOURCE2
GATE2
V2
UVF2
UVR2
OV2
TMR2
DISABLE2
CH2
VALID2
20
19
9
10
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
TOP VIEW
G PACKAGE
36-LEAD PLASTIC SSOP
TJMAX = 150°C, θJA = 70°C/W
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
CPO
CPOREF
OUT1
SENSE1
SOURCE1
GATE1
V1
UVF1
UVR1
OV1
TMR1
DISABLE1
CH1
VALID1
FAULT1
CASIN
INTVCC
CASOUT
EXTVCC
GND
OUT2
SENSE2
SOURCE2
GATE2
V2
UVF2
UVR2
OV2
TMR2
DISABLE2
CH2
VALID2
FAULT2
SHDN
RETRY
QUAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com