Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4413 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC4413
Description  High Power Prioritized PowerPath Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4413 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC4413 Datasheet HTML 7Page - Analog Devices LTC4413 Datasheet HTML 8Page - Analog Devices LTC4413 Datasheet HTML 9Page - Analog Devices LTC4413 Datasheet HTML 10Page - Analog Devices LTC4413 Datasheet HTML 11Page - Analog Devices LTC4413 Datasheet HTML 12Page - Analog Devices LTC4413 Datasheet HTML 13Page - Analog Devices LTC4413 Datasheet HTML 14Page - Analog Devices LTC4413 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
LTC4421
11
Rev. 0
For more information www.analog.com
OPERATION
The LTC4421 is a Prioritized PowerPath™ Controller that
drives external N-Channel MOSFETs to connect one of
two input supplies to a common output based on user-
defined priority and validity. By definition, the supply con-
nected to V1 is the higher priority supply, and the supply
connected to V2 is lower priority, although this can be
changed dynamically. The V1 voltage can be lower than,
equal to or higher than the V2 voltage.
At initial power-up, the LTC4421 prevents the input sup-
plies from validating and connecting to the output until it
has enough bias voltage to function properly. Referring
to the Block Diagram, the LTC4421 prevents OV, UV
validation and connection to the output until the INTVCC
voltage exceeds 2.3V (VINT(UVL)) as detected by com-
parator INTVCC GOOD CP, the bandgap reference voltage
has reached its final regulated value as indicated by the
BGGOOD signal, and the CPO voltage exceeds the higher
of the CPOREF and INTVCC voltages by 6.7V (VCPO(UVL)) as
detected by comparator CPOGOOD CP. With a 1µF capaci-
tor connected between CPO and CPOREF, the Charge
Pump/LDO circuit can take several hundred milliseconds
to charge to 6.7V. See the Applications Information for
methods to reduce the charging time.
After initial power-up is complete, the LTC4421 moni-
tors the V1 and V2 voltages via resistive dividers to pre-
cision overvoltage (OV CP) and undervoltage (UV CP)
comparators. The UVR and UVF pins set the rising and
falling undervoltage thresholds for the UV comparators.
When an input voltage has been inside its OV, UV volt-
age window for a time (tVALID) set by the QUAL pin, it is
considered valid and is eligible to power the output. If the
input supply voltage falls out of the OV, UV window and
remains outside for at least 3.5µs (tINVALID), the supply is
disconnected from the output. Open drain output status
pins provide information regarding a channel’s validity
and connection status to the output. VALID1 and VALID2
are pulled low when V1 and V2, respectively, are valid.
CH1 and CH2 are pulled low when V1 and V2, respectively,
are powering VOUT.
The GATE DRIVER circuit provides strong sourcing and
sinking currents to external N-Channel MOSFETs to con-
nect and disconnect the input supplies to and from the
output. When turning on the MOSFETs, GATE DRIVER
sources current from the CPO pin to pull the GATE volt-
age up to the CPO voltage. A charge pump regulates the
CPO voltage 12V (VGATE(CL)) above the CPOREF voltage
to provide 12V of VGS enhancement to the MOSFETs.
Strong sinking currents ensure rapid turnoff of the
external MOSFETs when a channel is no longer valid, a
higher priority channel takes precedence or when com-
parator REVCUR CP detects a reverse voltage of –25mV
(VSNSDIS,REV) across the external sense resistor. Such a
reverse voltage occurs when an input supply powering
the output is shorted. Fast charge and discharge of the
external NMOS gates ensure fast switching between sup-
plies, minimizing droop at the output.
During channel transitions, monitoring circuitry prevents
cross conduction between input supplies and reverse cur-
rent from the output using a break-before-make archi-
tecture. Two VGS comparators (VGSOFF CPs) monitor
the disconnecting channel’s gate pin voltage (GATE1 or
GATE2). When the GATE voltage is 600mV (VGS(OFF))
lower than either the input or output voltage of the channel
turning off, the VGS comparators determine the external
N-channel MOSFETs to be off and allow the other channel
to connect to the output. The VGS comparator outputs are
latched in the off state; the latch is reset when the channel
is commanded to turn back on.
To prevent reverse conduction from the output to the
inputs during channel switchover, the reverse comparator
(REV CP) monitors the connecting V1, V2 supply and the
corresponding OUT1, OUT2 output. The REV comparator
prevents connection until the output droops 35mV (VREV)
below the connecting supply. The connection is latched,
resetting when the channel is commanded to disconnect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com