Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4413 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC4413
Description  High Power Prioritized PowerPath Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4413 Datasheet(HTML) 3 Page - Analog Devices

  LTC4413 Datasheet HTML 1Page - Analog Devices LTC4413 Datasheet HTML 2Page - Analog Devices LTC4413 Datasheet HTML 3Page - Analog Devices LTC4413 Datasheet HTML 4Page - Analog Devices LTC4413 Datasheet HTML 5Page - Analog Devices LTC4413 Datasheet HTML 6Page - Analog Devices LTC4413 Datasheet HTML 7Page - Analog Devices LTC4413 Datasheet HTML 8Page - Analog Devices LTC4413 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
LTC4421
3
Rev. 0
For more information www.analog.com
ORDER INFORMATION
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
V1, V2 Operating Voltage Range
(Note 4)
l
3.0
36
V
VINT(UVL)
INTVCC Undervoltage Lockout Threshold Voltage
l
2
2.3
2.6
V
ΔVINT(HYS)
INTVCC Undervoltage Lockout Hysteresis
70
mV
VINTVCC
INTVCC Output Voltage
IINTVCC = 0µA
l
3.3
3.9
4.5
V
ΔVINTVCC
INTVCC Voltage Change from Zero to Full Load
IINTVCC = 0 to –500µA
l
–35
–85
–200
mV
VCPO(UVL)
CPOGOOD Threshold Voltage
CPO–CPOREF
l
5.7
6.7
7.7
V
VCPO(HYS)
CPOGOOD Hysteresis
1.4
V
ICC(TOT)
Total Input Supply Current
V1, V2, OUT1, OUT2, EXTVCC, CPOREF
l
0.53
1
mA
ICC(SHDN)
Total Input Supply Current in Shutdown
V1, V2, EXTVCC
l
5.4
12
µA
ICC(PRIO)
Input Supply Current of Highest Priority Valid
Supply
Measure I(EXTVCC)
l
360
750
µA
ICC(VMAX)
Input Supply Current of Highest Voltage Input
Supply
Measure I(V2)
l
25
50
µA
ICC(CPOREF)
CPOREF Charge Pump Supply Current
CPOREF = 11V
l
160
300
µA
PRIORITIZER CONTROL (V1, V2, SENSE1, SENSE2, GATE1, GATE2, SOURCE1, SOURCE2, OUT1, OUT2)
ΔVG(OFF)
External N-Channel MOSFET Off Threshold
Voltage
(GATE1 – V1), (GATE2 – V2), GATE Falling l
0
–0.6
–1.5
V
ΔVREV
Input to Output Reverse Voltage Connect Threshold (V1– OUT1), (V2–OUT2), OUT1, OUT2 Falling l
0
40
80
mV
ΔVGATE(CL)
External N-Channel MOSFET Gate Drive,
(GATE – CPOREF)
CPOREF = 3.2V, EXTVCC = 3.0V, I = 0, –1µA
CPOREF = 12V, 36V, I = 0, –1µA
l
l
9
10
10.8
11.6
14
14
V
V
ISOURCE, HLD
SOURCE Hold Current
SOURCE = 12V, Channel Off
l
2.5
5
10
µA
ISOURCE, OFF
SOURCE Fast Off Current
SOURCE = 12V, Channel Off
l
0.7
1.6
3.2
mA
IGATE(ON)
GATE On Pull-Up Current
V(SENSE) – V(OUT) = 0V, GATE = 16V,
OUT = 10V, V1 = V2 = 12V
l
–8
–16.5
–26
mA
IGATE(OFF,FWD) GATE Off Pull-Down Current, Large Forward
Sense Voltage
V(SENSE)–V(OUT) = 100mV, GATE = 16V,
OUT = 10V, V1 = V2 = 12V
l
30
54
124
mA
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. See the LTC4421 Data Sheet Nomenclature section for more details on pin
conditions. V1 = 12V, V2 = 13V, EXTVCC = CPOREF = OUT1 = OUT2 = SENSE1 = SENSE2 = 11V, OV1 = OV2 = TMR1 = TMR2 = OV, UVR1 =
UVR2 = UVF1 = UVF2 = DISABLE1 = DISABLE2 = SHDN = RETRY = CASIN = 4V, CPO = 23.5V, QUAL = INTVCC, unless otherwise noted.
TUBE
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4421CG#PBF
LTC4421CG#TRPBF
LTC4421G
36-Lead Plastic SSOP
0°C to 70°C
LTC4421IG#PBF
LTC4421IG#TRPBF
LTC4421G
36-Lead Plastic SSOP
–40°C to 85°C
LTC4421HG#PBF
LTC4421HG#TRPBF
LTC4421G
36-Lead Plastic SSOP
–40°C to 125°C
LTC4421CUHE#PBF
LTC4421CUHE#TRPBF
4421
36-Lead Plastic QFN
0°C to 70°C
LTC4421IUHE#PBF
LTC4421IUHE#TRPBF
4421
36-Lead Plastic QFN
–40°C to 85°C
LTC4421HUHE#PBF
LTC4421HUHE#TRPBF
4421
36-Lead Plastic QFN
–40°C to 125°C
Contact the factory for parts specified with wider operating temperature ranges.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com