Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 175 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 175 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 171Page - Renesas Technology Corp SH7041A Datasheet HTML 172Page - Renesas Technology Corp SH7041A Datasheet HTML 173Page - Renesas Technology Corp SH7041A Datasheet HTML 174Page - Renesas Technology Corp SH7041A Datasheet HTML 175Page - Renesas Technology Corp SH7041A Datasheet HTML 176Page - Renesas Technology Corp SH7041A Datasheet HTML 177Page - Renesas Technology Corp SH7041A Datasheet HTML 178Page - Renesas Technology Corp SH7041A Datasheet HTML 179Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 923 page
background image
137
• Bits 11–10—DTC Mode 1, 0 (MD1, MD0): These bits designate the DTC transfer mode.
Bit 11 (MD1)
Bit 10 (MD0)
Description
0
0
Normal mode
0
1
Repeat mode
1
0
Block transfer mode
1
1
Reserved (setting prohibited)
• Bits 9–8—DTC Data Transfer Size 1, 0 (SZ1, SZ0): These bits designate the data size for data
transfers.
Bit 9 (SZ1)
Bit 8 (SZ0)
Description
0
0
Byte (8 bits)
0
1
Word (16 bits)
1
0
Longword (32 bits)
1
1
Reserved (setting prohibited)
• Bit 7—DTC Transfer Mode Select (DTS): When in repeat mode or block transfer mode, this
bit designates whether the source side or destination side will be the repeat area or block area.
Bit 7 (DTS)
Description
0
Destination side is the repeat area or block area
1
Source side is the repeat area or block area
• Bit 6—DTC Chain Enable (CHNE): This bit designates whether to perform continuous DTC
data transfers with the same activating source. Continued transfer information is read after the
16th byte from the start address of the previous transfer information.
Bit 6 (CHNE)
Description
0
DTC data transfer end (activation wait state ensues)
1
DTC data transfer continue (read continue register information, execute
transfer)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com