Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 176 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 176 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 172Page - Renesas Technology Corp SH7041A Datasheet HTML 173Page - Renesas Technology Corp SH7041A Datasheet HTML 174Page - Renesas Technology Corp SH7041A Datasheet HTML 175Page - Renesas Technology Corp SH7041A Datasheet HTML 176Page - Renesas Technology Corp SH7041A Datasheet HTML 177Page - Renesas Technology Corp SH7041A Datasheet HTML 178Page - Renesas Technology Corp SH7041A Datasheet HTML 179Page - Renesas Technology Corp SH7041A Datasheet HTML 180Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 923 page
background image
138
• Bit 5—DTC Interrupt Select (DISEL): This bit designates whether to prohibit or allow
interrupt requests to the CPU after one-time DTC transfers.
Bit 5 (DISEL)
Description
0
Prohibit interrupts to the CPU after DTC data transfer completion if the
transfer counter is not 0 (DTC clears the interrupt source flag of the
activating source to 0)
1
Allow interrupts to the CPU after DTC data transfer completion (DTC
clears the DTER bit for the interrupt of the activating source to 0)
• Bit 4—DTC NMI Mode (NMIM): This bit designates whether to terminate transfers when an
NMI is input during DTC transfers.
Bit 4 (NMIM)
Description
0
Terminate DTC transfer upon an NMI
1
Continue DTC transfer until end of transfer being executed
• Bits 3–0—Reserved: They have no effect on DTC operation.
8.2.2
DTC Source Address Register (DTSAR)
The DTC source address register (DTSAR) is a 32-bit register that specifies the DTC transfer
source address. An even address indicates that the transfer size is word; a multiple-of-four address
means it is longword. The contents of this register is located in memory.
Bit:
31
30
29
28
27
…
4321
0
…
Initial value:
**
**
*
…
****
*
R/W:
—
—
—
—
—
…
—
—
—
—
—
Note: * Initial value is undefined.
8.2.3
DTC Destination Address Register (DTDAR)
The DTC destination address register (DTDAR) is a 32-bit register that specifies the DTC transfer
destination address. An even address indicates that the transfer size is word; a multiple-of-four
address means it is longword. The contents of this register are located in memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com