Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 178 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 178 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 174Page - Renesas Technology Corp SH7041A Datasheet HTML 175Page - Renesas Technology Corp SH7041A Datasheet HTML 176Page - Renesas Technology Corp SH7041A Datasheet HTML 177Page - Renesas Technology Corp SH7041A Datasheet HTML 178Page - Renesas Technology Corp SH7041A Datasheet HTML 179Page - Renesas Technology Corp SH7041A Datasheet HTML 180Page - Renesas Technology Corp SH7041A Datasheet HTML 181Page - Renesas Technology Corp SH7041A Datasheet HTML 182Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 923 page
background image
140
Bit:
15
14
8
DTCRAH
Initial value:
***
**
***
R/W:
—
—
—
—
—
—
—
—
Bit:
7
6
0
DTCRAL
Initial value:
**
**
***
*
R/W:
—
—
—
—
—
—
—
—
Note: * Initial value is undefined.
8.2.6
DTC Transfer Count Register B (DTCRB)
The DTCRB is a 16-bit register that designates the block length in block transfer mode. The
contents of this register is located in memory. The block length is 1 when the set value is H'0001,
65535 when it is H'FFFF, and 65536 when it is H'0000.
Bit:
15
14
13
12
11
10
9
8
Initial value:
***
**
***
R/W:
—
—
—
—
—
—
—
—
Bit:
7
6
5
4
3
2
1
0
Initial value:
**
**
***
*
R/W:
—
—
—
—
—
—
—
—
Note: * Initial value is undefined.
8.2.7
DTC Enable Registers (DTER)
The DTER (DTEA–DTEE) are five 8-bit readable/writable registers with bits allocated to each
interrupt source that activates the DTC. They set disable/enable for DTC activation for each
interrupt source. When a bit is 1, DTC activation by the corresponding interrupt source is enabled.
Interrupt sources for each of the DTEA–DTEE registers are indicated in table 8.2.
The DTER are initialized to H'00 by a power-on reset or in standby mode. Manual reset does not
initialize DTER.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com