Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 181 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 181 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 177Page - Renesas Technology Corp SH7041A Datasheet HTML 178Page - Renesas Technology Corp SH7041A Datasheet HTML 179Page - Renesas Technology Corp SH7041A Datasheet HTML 180Page - Renesas Technology Corp SH7041A Datasheet HTML 181Page - Renesas Technology Corp SH7041A Datasheet HTML 182Page - Renesas Technology Corp SH7041A Datasheet HTML 183Page - Renesas Technology Corp SH7041A Datasheet HTML 184Page - Renesas Technology Corp SH7041A Datasheet HTML 185Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 923 page
background image
143
8.2.9
DTC Information Base Register (DTBR)
The DTBR is a 16-bit readable/writable register that specifies the upper 16 bits of the memory
address containing DTC transfer information. Always access the DTBR in word or longword
units. If it is accessed in byte units the register contents will become undefined at the time of a
write, and undefined values will be read out upon reads.
The DTBR is not initialized either by resets or in standby mode.
Bit:
15
14
13
12
11
10
9
8
Initial value:
***
**
***
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
7
6
5
4
3
2
1
0
Initial value:
**
**
***
*
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Note: * Initial value is undefined.
8.3
Operation
The DTC stores transfer information in memory. When there are DTC transfer requests, it reads
that transfer information and performs data transfers based on it. It rewrites the transfer
information to memory after data transfers. Storing transfer information in memory makes it
possible to perform data transfers for an arbitrary number of channels. Further, setting the CHNE
bit to 1 makes it possible to perform multiple transfers continuously through one DTC transfer
request.
There are three DTC transfer modes: normal mode, repeat mode, and block transfer mode. After a
DTC transfer, the transfer source address and transfer destination address are incremented,
decremented, or kept the same, according to the respective setting.
8.3.1
Overview of Operation
Figure 8.2 shows a flowchart of DTC operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com