Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 180 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 180 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 176Page - Renesas Technology Corp SH7041A Datasheet HTML 177Page - Renesas Technology Corp SH7041A Datasheet HTML 178Page - Renesas Technology Corp SH7041A Datasheet HTML 179Page - Renesas Technology Corp SH7041A Datasheet HTML 180Page - Renesas Technology Corp SH7041A Datasheet HTML 181Page - Renesas Technology Corp SH7041A Datasheet HTML 182Page - Renesas Technology Corp SH7041A Datasheet HTML 183Page - Renesas Technology Corp SH7041A Datasheet HTML 184Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 923 page
background image
142
• Bit 10—NMI Flag Bit (NMIF): Indicates that an NMI interrupt has occurred. When the NMIF
bit is set, DTC transfers are not allowed even if the DTER bit is set to 1. If, however, a transfer
has already started with the NMIM bit of the DTMR set to 1, execution will continue until that
transfer ends. To clear the NMIF bit, read the 1 from it, then write a 0.
The NMIF bit is initialized to 0 by power-on resets and in standby mode.
Bit 10 (NMIF)
Description
0
No NMI interrupts (initial value)
(Clear condition) Write a 0 after reading the NMIF bit
1
NMI interrupt has been generated
• Bit 9—Address Error Flag (AE): Indicates that an address error by the DTC has occurred.
When the AE bit is set, DTC transfers are not allowed even if the DTER bit is set to 1. To clear
the AE bit, read the 1 from it, then write a 0.
The AE bit is initialized to 0 by power-on resets and in standby mode.
Bit 9 (AE)
Description
0
No address error by the DTC (initial value)
(Clear condition) Write a 0 after reading the AE bit
1
An address error by the DTC occurred
• Bit 8—DTC Software Activation Enable Bit (SWDTE): This bit enables/disables DTC
activation by software.
The AE bit is initialized to 0 by resets and standby mode. For details, see section 8.3.2,
Activating Sources.
Bit 8 (SWDTE)
Description
0
DTC activation by software disabled (initial value)
1
DTC activation by software enabled
• Bits 7–0—Software Activation Vectors 7–0 (DTVEC7–DTVEC0): These bits set the DTC
vector addresses for DTC activation by software. A vector address is calculated as H'0400 +
DTVEC[7:0]. Always specify 0 for DTVEC0. 8 bits are available, so you can specify values
H'00 (0)–H'FE (254).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com