Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 177 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 177 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 173Page - Renesas Technology Corp SH7041A Datasheet HTML 174Page - Renesas Technology Corp SH7041A Datasheet HTML 175Page - Renesas Technology Corp SH7041A Datasheet HTML 176Page - Renesas Technology Corp SH7041A Datasheet HTML 177Page - Renesas Technology Corp SH7041A Datasheet HTML 178Page - Renesas Technology Corp SH7041A Datasheet HTML 179Page - Renesas Technology Corp SH7041A Datasheet HTML 180Page - Renesas Technology Corp SH7041A Datasheet HTML 181Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 923 page
background image
139
Bit:
31
30
29
28
27
…
4321
0
…
Initial value:
**
**
*
…
****
*
R/W:
—
—
—
—
—
…
—
—
—
—
—
Note: * Initial value is undefined.
8.2.4
DTC Initial Address Register (DTIAR)
The DTC initial address register (DTIAR) specifies the initial transfer source/transfer destination
address in repeat mode. In repeat mode, when the DTS bit is set to 1, specify the initial transfer
source address in the repeat area, and when the DTS bit is cleared to 0, specify the initial transfer
destination address in the repeat area.
The contents of this register are located in memory.
Bit:
31
30
29
28
27
…
4321
0
…
Initial value:
**
**
*
…
****
*
R/W:
—
—
—
—
—
…
—
—
—
—
—
Note: * Initial value is undefined.
8.2.5
DTC Transfer Count Register A (DTCRA)
DTCRA is a 16-bit register that specifies the number of DTC transfers. The contents of this
register are located in memory.
In normal mode it functions as a 16-bit transfer counter. The number of transfers is 1 when the set
value is H'0001, 65535 when it is H'FFFF, and 65536 when it is H'0000.
In repeat mode, DTCRAH maintains the transfer count and DTCRAL functions as an 8-bit
transfer counter. The number of transfers is 1 when the set value is DTCRAH = DTCRAL = H'01,
255 when they are H'FF, and 256 when it is H'00.
In block transfer mode it functions as a 16-bit transfer counter. The number of transfers is 1 when
the set value is H'0001, 65535 when it is H'FFFF, and 65536 when it is H'0000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com