Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA826 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA826
Description  INA823 Precision, Low-Power, Wide-Supply (2.7-V to 36-V) Instrumentation Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA826 Datasheet(HTML) 1 Page - Texas Instruments

  INA826 Datasheet HTML 1Page - Texas Instruments INA826 Datasheet HTML 2Page - Texas Instruments INA826 Datasheet HTML 3Page - Texas Instruments INA826 Datasheet HTML 4Page - Texas Instruments INA826 Datasheet HTML 5Page - Texas Instruments INA826 Datasheet HTML 6Page - Texas Instruments INA826 Datasheet HTML 7Page - Texas Instruments INA826 Datasheet HTML 8Page - Texas Instruments INA826 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
INA823 Precision, Low-Power, Wide-Supply (2.7-V to 36-V) Instrumentation Amplifier
1 Features
• Input overvoltage protection up to ±60 V
• Input voltage extends 150 mV below negative
supply
• Low-power supply current: 250 µA (max)
• Precision performance:
– Low offset voltage: 40 µV (typ), 100 µV (max)
– Low input bias current: 10 nA (max)
– Input voltage noise: 21 nV/√Hz
– Common-mode rejection:
• 84 dB, G = 1 (min)
• 104 dB, G = 10 (min)
• 120 dB, G ≥ 100 (min)
– Power supply rejection: 100 dB, G = 1 (min)
• Bandwidth: 1.9 MHz (G = 1), 60 kHz (G = 100)
• Stable with 1-nF capacitive loads
• Supply range:
– Single-supply: 2.7 V to 36 V
– Dual-supply: ±1.35 V to ±18 V
• Specified temperature range: –40°C to +125°C
• Packages: 8-pin SOIC and 8-pin VSSOP
2 Applications
• Flow transmitter
• Wearable fitness and activity monitor
• Infusion pump
• Blood glucose monitor
• Weigh scale
• Analog input module
• Electrocardiogram (ECG)
3 Description
The INA823 is an integrated instrumentation amplifier
that offers low power consumption and operates over
a wide, single-supply or dual-supply range. A single
external resistor sets any gain from 1 to 1,000. The
device provides low input offset voltage, low offset
voltage drift, low input bias current, and low current
noise. Additional circuitry protects the inputs against
overvoltage up to ±60 V.
The INA823 is optimized to provide a high common-
mode rejection ratio. At G = 1, the common-mode
rejection ratio exceeds 84 dB across the full input
common-mode range. The INA823 has a wide
common-mode voltage range as low as 150-mV
below negative supply. The device is designed for
low-voltage operation from a 2.7-V single supply, and
dual supplies up to ±18 V. The low power and single
supply operation enable hand-held, battery-operated
systems.
Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
INA823
SOIC (8)
4.90 mm × 3.91 mm
VSSOP (8)
3.00 mm x 3.00 mm
(1)
For all available packages, see the package option
addendum at the end of the data sheet.
+
–
+
–
+
–
50 k
50 k
50 k
50 k
50 k
50 k
Overvoltage
Protection
Overvoltage
Protection
RG
REF
+VS
OUT
VS
IN
+IN
RG
1
2
3
4
5
6
7
8
INA823 Simplified Internal Schematic
Typical Distribution of
Input Stage Offset Voltage Drift
INA823
SBOSA75A – JULY 2021 – REVISED JULY 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for preproduction products; subject to change
without notice.


Similar Part No. - INA826

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA826 TI1-INA826 Datasheet
1Mb / 39P
Precision, 200-關A Supply Current, 2.7-V to 36-V Supply Instrumentation Amplifier with Rail-to-Rail Output
SEPTEMBER2011
INA826 TI-INA826 Datasheet
1Mb / 40P
Precision, 200-關A Supply Current, 2.7-V to 36-V Supply Instrumentation Amplifier with Rail-to-Rail Output
INA826 TI-INA826 Datasheet
1Mb / 40P
Precision, 200-關A Supply Current, 2.7-V to 36-V Supply Instrumentation Amplifier with Rail-to-Rail Output
INA826 TI1-INA826 Datasheet
1Mb / 43P
Precision, 200-關A Supply Current, 2.7-V to 36-V Supply
INA826 TI1-INA826 Datasheet
2Mb / 32P
INA630 Precision, 126dB CMRR, Indirect Current Feedback Instrumentation Amplifier
MARCH 2025
More results

Similar Description - INA826

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA118 BURR-BROWN-INA118 Datasheet
242Kb / 11P
Precision, Low Power INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA337 TI-INA337 Datasheet
280Kb / 14P
Wide-Temperature, Precision INSTRUMENTATION AMPLIFIER
INA826 TI1-INA826 Datasheet
1Mb / 39P
Precision, 200-關A Supply Current, 2.7-V to 36-V Supply Instrumentation Amplifier with Rail-to-Rail Output
SEPTEMBER2011
INA826_1112 TI-INA826_1112 Datasheet
1Mb / 40P
Precision, 200-關A Supply Current, 2.7-V to 36-V Supply Instrumentation Amplifier with Rail-to-Rail Output
INA826 TI1-INA826_12 Datasheet
1Mb / 43P
Precision, 200-關A Supply Current, 2.7-V to 36-V Supply
OPA170-EP TI1-OPA170-EP Datasheet
1Mb / 20P
36-V, SINGLE-SUPPLY, LOW-POWER OPERATIONAL AMPLIFIER
INA826S TI1-INA826S Datasheet
1Mb / 40P
Precision, 200-uA Supply Current, 3-V to 36-V Supply Instrumentation Amplifier With Rail-to-Rail Output and Shutdown
OPA2156 TI1-OPA2156 Datasheet
327Kb / 19P
36-V, Ultra-Low Noise, Wide-Bandwidth, Precision Rail-to-Rail Operational Amplifier
OPA2156 TI1-OPA2156_19 Datasheet
1Mb / 35P
36-V, Ultra-Low Noise, Wide-Bandwidth, Precision Rail-to-Rail Operational Amplifier
INA823 TI-INA823_V01 Datasheet
3Mb / 40P
INA823 Precision, Low-Power, Wide-Supply (2.7-V to 36-V) Instrumentation Amplifier
NOVEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com