Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA826 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # INA826
Description  INA823 Precision, Low-Power, Wide-Supply (2.7-V to 36-V) Instrumentation Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA826 Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA826 Datasheet HTML 17Page - Texas Instruments INA826 Datasheet HTML 18Page - Texas Instruments INA826 Datasheet HTML 19Page - Texas Instruments INA826 Datasheet HTML 20Page - Texas Instruments INA826 Datasheet HTML 21Page - Texas Instruments INA826 Datasheet HTML 22Page - Texas Instruments INA826 Datasheet HTML 23Page - Texas Instruments INA826 Datasheet HTML 24Page - Texas Instruments INA826 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
Additional series resistors in the Wheatstone bridge string (R9 and R8) are required. These resistors adjust the
common-mode voltage, and thus can accommodate for the required output voltage of VOUT = 4.5 V.
To achieve the output voltage of VOUT = 4.5 V with the INA823, the limitation for the common-mode voltage is at
VCM(INA823max) = 1.8 V, as shown in Figure 9-3.
Figure 9-3. Screen Shot From Analog Engineer's Calculator
Select R8 in the same range of the bridge resistance. In this case, R8 is chosen to be 5.05 kΩ.
Resistor R9 is then calculated as follows:
R9 = VCMINA823max ∙(R2−R8−R)
VCMINA823max −2∙VEX  = 1.8 V∙ 4.99 kΩ2−5.05 kΩ −4.99 kΩ
1.8 V −2∙5 V  = 1.65 kΩ
(8)
Use a standard 0.1% resistor value of 1.65 kΩ.
9.2.1.3 Application Curves
The following typical characteristic curve is for the circuit in Figure 9-2.
Figure 9-4. Input Differential Voltage, Output Voltage vs Bridge Resistance
www.ti.com
INA823
SBOSA75A – JULY 2021 – REVISED JULY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: INA823



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com