Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA826 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # INA826
Description  INA823 Precision, Low-Power, Wide-Supply (2.7-V to 36-V) Instrumentation Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA826 Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA826 Datasheet HTML 8Page - Texas Instruments INA826 Datasheet HTML 9Page - Texas Instruments INA826 Datasheet HTML 10Page - Texas Instruments INA826 Datasheet HTML 11Page - Texas Instruments INA826 Datasheet HTML 12Page - Texas Instruments INA826 Datasheet HTML 13Page - Texas Instruments INA826 Datasheet HTML 14Page - Texas Instruments INA826 Datasheet HTML 15Page - Texas Instruments INA826 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
7.6 Typical Characteristics (continued)
at TA = 25°C, VS = ±15 V, RL = 10 kΩ, CL = 0 pF, VREF = 0 V, and G = 1 (unless otherwise noted)
VS = 2.7 V
Figure 7-31. Offset Voltage vs Common-Mode Voltage
100
1k
10k
100k
1
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
G062
Figure 7-32. Open-Loop Output Impedance vs Frequency
Figure 7-33. Closed-Loop Gain vs Frequency
Output Voltage (V)
0
0.25 0.5 0.75
1
1.25 1.5 1.75
2
2.25 2.5 2.75
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
VREF = 0 V
VREF = 1.35 V
VS = 2.7 V
Figure 7-34. Input Common-Mode Voltage vs Output Voltage
Output Voltage (V)
0
0.25 0.5 0.75
1
1.25 1.5 1.75
2
2.25 2.5 2.75
0
0.15
0.3
0.45
0.6
0.75
0.9
1.05
1.2
1.35
1.5
1.65
1.8
1.95
2.1
2.25
VREF = 0 V
VREF = 1.35 V
VS = 2.7 V
G = 100
Figure 7-35. Input Common-Mode Voltage vs Output Voltage
Output Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
VREF = 0 V
VREF = 2.5 V
VS = 5 V
Figure 7-36. Input Common-Mode Voltage vs Output Voltage
INA823
SBOSA75A – JULY 2021 – REVISED JULY 2021
www.ti.com
12
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA823



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com