Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA826 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # INA826
Description  INA823 Precision, Low-Power, Wide-Supply (2.7-V to 36-V) Instrumentation Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA826 Datasheet(HTML) 23 Page - Texas Instruments

Back Button INA826 Datasheet HTML 19Page - Texas Instruments INA826 Datasheet HTML 20Page - Texas Instruments INA826 Datasheet HTML 21Page - Texas Instruments INA826 Datasheet HTML 22Page - Texas Instruments INA826 Datasheet HTML 23Page - Texas Instruments INA826 Datasheet HTML 24Page - Texas Instruments INA826 Datasheet HTML 25Page - Texas Instruments INA826 Datasheet HTML 26Page - Texas Instruments INA826 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
Equation 9 calculates the common-mode rejection ratio with given factors:
CMRRdB =  G1 +1
α∙ΔRR∙ n
(9)
CMRRdB =  0.25 +1
0.33∙0.1%∙√4 = 65.5 dB
(10)
The scaling ratio G1 is calculated by:
G1 =  Rf Rf+ Ri
(11)
Where Rf is variable and Ri is fixed at 750 kΩ.
Figure 9-6 shows a comparison between the CMRR performance at worst-case (α neglected) and considering
normal distribution for different gain settings of G1.
For more details about the calculation of CMRR, see the Difference amplifier (subtractor) circuit analog
engineer's circuit.
9.2.2.3 Application Curves
Figure 9-6. Common-mode Rejection Ratio of External Resistor Network for Different Scaling Ratios
www.ti.com
INA823
SBOSA75A – JULY 2021 – REVISED JULY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: INA823



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com