Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA826 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # INA826
Description  INA823 Precision, Low-Power, Wide-Supply (2.7-V to 36-V) Instrumentation Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA826 Datasheet(HTML) 16 Page - Texas Instruments

Back Button INA826 Datasheet HTML 12Page - Texas Instruments INA826 Datasheet HTML 13Page - Texas Instruments INA826 Datasheet HTML 14Page - Texas Instruments INA826 Datasheet HTML 15Page - Texas Instruments INA826 Datasheet HTML 16Page - Texas Instruments INA826 Datasheet HTML 17Page - Texas Instruments INA826 Datasheet HTML 18Page - Texas Instruments INA826 Datasheet HTML 19Page - Texas Instruments INA826 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
8.3.1.1 Gain Drift
The stability and temperature drift of the external gain setting resistor (RG) also affects gain. The contribution of
RG to gain accuracy and drift is determined from Equation 2.
The best gain drift of 5 ppm/
℃ (maximum) is achieved when the INA823 uses G = 1 V/V without RG connected.
In this case, gain drift is limited by the slight mismatch of the temperature coefficient of the integrated 50-kΩ
resistors in the differential amplifier (A3).
At gains greater than 1 V/V, gain drift increases as a result of the individual drift of the 50-kΩ resistors in the
feedback of A1 and A2 relative to the drift of the external gain resistor (RG.) The low temperature coefficient of
the internal feedback resistors significantly improves the overall temperature stability of applications using gains
greater than 1 V/V over alternate options.
8.3.2 Input Common-Mode Voltage Range
The linear input voltage range of the INA823 input circuitry extends within 2 V of power supplies and maintains
excellent common-mode rejection throughout this range. The common-mode range for the most common
operating conditions are shown in Input Common-Mode Voltage vs Output Voltage. The common-mode range for
other operating conditions is best calculated using the Analog Engineers Calculator.
Output Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
VREF = 0 V
VREF = 2.5 V
VS = 5 V, G = 1
Figure 8-2. Input Common-Mode Voltage
vs Output Voltage
Output Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
VREF = 0 V
VREF = 2.5 V
VS = 5 V, G = 100
Figure 8-3. Input Common-Mode Voltage
vs Output Voltage
G = 1, VREF = 0 V
Figure 8-4. Input Common-Mode Voltage
vs Output Voltage
G > 10, VREF = 0 V
Figure 8-5. Input Common-Mode Voltage
vs Output Voltage
A single-supply instrumentation amplifier has special design considerations. To achieve a common-mode
range that extends to single-supply ground, the INA823 employs a current-feedback topology with PNP input
INA823
SBOSA75A – JULY 2021 – REVISED JULY 2021
www.ti.com
16
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA823



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com