Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA826 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # INA826
Description  INA823 Precision, Low-Power, Wide-Supply (2.7-V to 36-V) Instrumentation Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA826 Datasheet(HTML) 20 Page - Texas Instruments

Back Button INA826 Datasheet HTML 16Page - Texas Instruments INA826 Datasheet HTML 17Page - Texas Instruments INA826 Datasheet HTML 18Page - Texas Instruments INA826 Datasheet HTML 19Page - Texas Instruments INA826 Datasheet HTML 20Page - Texas Instruments INA826 Datasheet HTML 21Page - Texas Instruments INA826 Datasheet HTML 22Page - Texas Instruments INA826 Datasheet HTML 23Page - Texas Instruments INA826 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
9.2.1.1 Design Requirements
For this application, the design requirements are as shown in Table 9-1.
Table 9-1. Design Requirements
DESCRIPTION
VALUE
Single supply voltage
VS= 5 V
Excitation voltage
VEXT = 2.5 V
Occlusion pressure range
P = 1...10 psi, increments of p = 0.5 psi
Occlusion pressure sensitivity
S = 2 ± 0.5 (25%) mV/V/psi
Occlusion pressure impedance (R)
R = 4.99 kΩ ± 50 Ω (0.1%)
Total pressure sampling rate
Sr = 20 Hz
Full-scale range of ADC
VADC(fs) = VOUT = 4.5 V
9.2.1.2 Detailed Design Procedure
This section provides basic calculations to lay out the instrumentation amplifier with respect to the given design
requirements.
One of the key considerations in resistive-bridge sensors is the common-mode voltage, VCM. If the bridge is
balanced (no pressure, thus no voltage change), VCM(zero) is half of the bridge excitation (VEXT). In this example
VCM (zero) is 1.25 V. For the maximum pressure of 10 psi, the bridge common-mode voltage, VCM(MAX), is
calculated by:
VCMMAX =VDIFF2+VCM(zero)
(3)
where
•
VDIFF=SMAX×VEXT×PMAX=2.5 mVV×psi×5 V×10 psi=125 mV
(4)
Thus, the maximum common-mode voltage applied results in:
VCMMAX =125mV2+1.25V=1.375V
(5)
The next step is to calculate the gain resistor, RG, for the given maximum sensor output voltage span, VDIFF, in
respect to the required VOUT, which is the full-scale range of the ADC.
The following equation calculates the gain value using the maximum input voltage and the required output
voltage:
G =  VOUT
VDIFF(MAX) = 4.5 V125 mV = 36 V/V 
(6)
The following equation calculates the gain-setting resistor value using the INA823 gain equation shown in
Equation 2:
RG = 100 kΩG − 1 =2.86 kΩ
(7)
Use a standard 0.1% resistor value of 2.86 kΩ.
Next, make sure that the INA823 can operate within this range by verifying the Input Common-Mode Voltage vs
Output Voltage curves or by running the values in the Analog Engineer's Calculator.
Applying VCM(Max), VS, and gain results in a maximum valid output voltage of VOUT of 3.6 V.
INA823
SBOSA75A – JULY 2021 – REVISED JULY 2021
www.ti.com
20
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA823



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com