Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA826 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # INA826
Description  INA823 Precision, Low-Power, Wide-Supply (2.7-V to 36-V) Instrumentation Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA826 Datasheet(HTML) 24 Page - Texas Instruments

Back Button INA826 Datasheet HTML 20Page - Texas Instruments INA826 Datasheet HTML 21Page - Texas Instruments INA826 Datasheet HTML 22Page - Texas Instruments INA826 Datasheet HTML 23Page - Texas Instruments INA826 Datasheet HTML 24Page - Texas Instruments INA826 Datasheet HTML 25Page - Texas Instruments INA826 Datasheet HTML 26Page - Texas Instruments INA826 Datasheet HTML 27Page - Texas Instruments INA826 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
10 Power Supply Recommendations
The nominal performance of the INA823 is specified with a supply voltage of ±15 V and midsupply reference
voltage. The device also operates using power supplies from ±1.35 V (2.7 V) to ±18 V (36 V) and non-midsupply
reference voltages with excellent performance. Parameters that can vary significantly with operating voltage and
reference voltage are shown in Section 7.6.
CAUTION
Supply voltages higher than 60 V (±30 V) can permanently damage the device. Parameters that vary
over supply voltage or temperature are shown in Section 7.6 of this data sheet.
11 Layout
11.1 Layout Guidelines
Attention to good layout practices is always recommended. For best operational performance of the device, use
the following PCB layout practices:
• Make sure that both input paths are well-matched for source impedance and capacitance to avoid converting
common-mode signals into differential signals.
• Use bypass capacitors to reduce the coupled noise by providing low-impedance power sources local to the
analog circuitry.
– Connect low-ESR, 0.1-µF ceramic bypass capacitors between each supply pin and ground, placed as
close to the device as possible. A single bypass capacitor from V+ to ground is applicable for single-
supply applications.
• Route the input traces as far away from the supply or output traces as possible to reduce parasitic coupling. If
these traces cannot be kept separate, crossing the sensitive trace perpendicular is much better than crossing
in parallel with the noisy trace.
• Place the external components as close to the device as possible.
• Use short, symmetric, and wide traces to connect the external gain resistor to minimize capacitance
mismatch between the RG pins.
• Keep the traces as short as possible.
INA823
SBOSA75A – JULY 2021 – REVISED JULY 2021
www.ti.com
24
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA823



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com