Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2213 Datasheet(PDF) 20 Page - OKI electronic componets

Part # ML2213
Description  Speech Synthesizer plus Music LSI with On-Chip 1.5 Mbit Mask ROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML2213 Datasheet(HTML) 20 Page - OKI electronic componets

Back Button ML2213 Datasheet HTML 16Page - OKI electronic componets ML2213 Datasheet HTML 17Page - OKI electronic componets ML2213 Datasheet HTML 18Page - OKI electronic componets ML2213 Datasheet HTML 19Page - OKI electronic componets ML2213 Datasheet HTML 20Page - OKI electronic componets ML2213 Datasheet HTML 21Page - OKI electronic componets ML2213 Datasheet HTML 22Page - OKI electronic componets ML2213 Datasheet HTML 23Page - OKI electronic componets ML2213 Datasheet HTML 24Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
FEDL 2213-01
1Semiconductor
ML2213
20/26
(3) End-Bit
The end-bit is set at the first byte, the MSB, of music phrase data. As soon as the LSI starts to output the last note
code where the end-bit is set to “1”, the Music Generator circuit issues an end-music interrupt call and stops
playback after the last note code has been output.
7.3 Sample Musical Note Codes
Table 7.6 shows sample codes to output a part of musical score shown in Figure 7.3.
Figure 7.3
Table 7.6 Coding Sample
Note Code
1st Byte
2nd Byte
7
6
5
4
3
2
1
0
7
654321
0
Musical
Note
END
—*
L5L4
L3L2
L1L0
N7
N6
N5
N4
N3
N2
N1
N0
Hexa-
decimal
G
2
0
0
1
0
1
1
1
1
0
101000
0
2F50H
D
2
0
0
0
0
1
1
1
1
0
110101
1
0F6BH
G
2
0
0
0
1
0
1
1
1
0
101000
0
1750H
D
2
0
0
0
0
0
1
1
1
0
110101
1
076BH
G
2
0
0
0
1
0
1
1
1
0
101000
0
1750H
A
2
0
0
0
0
0
1
1
1
0
100011
1
0747H
B
2
0
0
1
1
1
1
1
1
0
011111
1
3F3FH
G
2
1
0
1
1
1
1
1
1
0
101000
0
BF50H
Note: * Bit 6 of the first byte can be either “0” or “1” (Don’t care bit), so is set to “0” in the above sample
codes.
=120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com