Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2213 Datasheet(PDF) 21 Page - OKI electronic componets

Part # ML2213
Description  Speech Synthesizer plus Music LSI with On-Chip 1.5 Mbit Mask ROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML2213 Datasheet(HTML) 21 Page - OKI electronic componets

Back Button ML2213 Datasheet HTML 17Page - OKI electronic componets ML2213 Datasheet HTML 18Page - OKI electronic componets ML2213 Datasheet HTML 19Page - OKI electronic componets ML2213 Datasheet HTML 20Page - OKI electronic componets ML2213 Datasheet HTML 21Page - OKI electronic componets ML2213 Datasheet HTML 22Page - OKI electronic componets ML2213 Datasheet HTML 23Page - OKI electronic componets ML2213 Datasheet HTML 24Page - OKI electronic componets ML2213 Datasheet HTML 25Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
FEDL 2213-01
1Semiconductor
ML2213
21/26
8.
Buzzer
You can define a buzz phrase by setting a frequency and sound type in the Phrase Control Table and a buzz phrase
in the User’s Data area. To start buzzer output via the MD pin, activate a buzz phrase. To stop buzzer output, enter
the Stop Code.
4 buzzing sound types, intermittent 1, intermittent 2, single and continuous, and 3 50%-duty frequencies, at 0.5
kHz, 1.0 kHz and 2.0 kHz, are available for user selection, depending on buzzer output mode setup in the Phrase
Control Table.
Figure 8.1 shows output wave-form in respective output modes. Black-filled wave-form indicates buzz output
signal at 2 kHz.
(a) TP1 = 0, TP0 = 0 (intermittent 1)
(b) TP1 = 0, TP0 = 1 (intermittent 2)
(c) TP1 = 1, TP0 = 0 (single)
(d) TP1 = 1, TP0 = 1 (continuous)
Figure 8.1 Output Wave-form from the Buzzer Driver in Each Output Mode
ON
EMBD
8 Hz
OUTPUT MD
OFF
EMBD
8 Hz
OUTPUT MD
1 Hz
ON
OFF
EMBD
OUTPUT MD
ON
OFF
OUTPUT MD
EMBD
32 Hz
ON
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com