Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2213 Datasheet(PDF) 1 Page - OKI electronic componets

Part # ML2213
Description  Speech Synthesizer plus Music LSI with On-Chip 1.5 Mbit Mask ROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML2213 Datasheet(HTML) 1 Page - OKI electronic componets

  ML2213 Datasheet HTML 1Page - OKI electronic componets ML2213 Datasheet HTML 2Page - OKI electronic componets ML2213 Datasheet HTML 3Page - OKI electronic componets ML2213 Datasheet HTML 4Page - OKI electronic componets ML2213 Datasheet HTML 5Page - OKI electronic componets ML2213 Datasheet HTML 6Page - OKI electronic componets ML2213 Datasheet HTML 7Page - OKI electronic componets ML2213 Datasheet HTML 8Page - OKI electronic componets ML2213 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
FEDL2213-01
1Semiconductor
This version: May 2001
ML2213
Speech Synthesizer plus Music LSI with On-Chip 1.5 Mbit Mask ROM
1/26
GENERAL DESCRIPTION
The ML2213 is an ADPCM-based Speech Synthesizer LSI with on-chip 1.5 Mbit Mask ROM for storing multiple
speech data. In addition, the LSI has a built-in Music Generator circuit that can generate music by automatically
acquiring user-defined musical notes data from the ROM. The ML2213 contains a 12-bit D/A Converter and Low
Pass Filter, and enables a user to readily built a message and music playback sub-system by simply adding an
external speaker and driving amplifier.
FEATURES
• On-Chip 1.5 Mbit Mask ROM
• Serial Interface:
User-selectable Mask options for 2-pin or 3-pin interfacing
• 3 Speech Synthesis Algorithms for user selection
4-bit ADPCM/8-bit OKI Non-Linear PCM/8-bit PCM/Music
• Sampling Frequency (At 4.096 MHz External Clock)
4.0 kHz, 5.3 kHz, 6.4 kHz, 8.0 kHz, 10.7 kHz, 12.8 kHz, 16.0 kHz
• Built-in Music Generator function
User-definable 31 musical scales, 60 musical notes, and 30 tempos
• User-defined Phrases up to 247 phrases, including music.
• Built-in 12-bit D/A Converter
• Built-in Low Pass Filter
• Driver for piezo-speaker (MD pin)
• External Clock:
Frequency can be selected as Mask option
4.096 MHz, 8.192 MHz, 16.384 MHz
• Power Supply Voltage:
2.4 to 5.5 V
• Package:
24-pin plastic SOP (SOP24-P-430-1.27-K) (Product name: ML2213-xxxMA)
14-pin plastic SSOP (SSOP14-P-44-0.65-K) (Product name: ML2213-xxxMB)


Similar Part No. - ML2213

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML2215 OKI-ML2215 Datasheet
197Kb / 26P
Speech Synthesizer plus Music LSI with On-Chip 3 Mbit Mask ROM
ML2215-XXXMA OKI-ML2215-XXXMA Datasheet
197Kb / 26P
Speech Synthesizer plus Music LSI with On-Chip 3 Mbit Mask ROM
ML2215-XXXMB OKI-ML2215-XXXMB Datasheet
197Kb / 26P
Speech Synthesizer plus Music LSI with On-Chip 3 Mbit Mask ROM
More results

Similar Description - ML2213

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML2201 OKI-ML2201 Datasheet
159Kb / 20P
Speech Synthesizer LSI with on-chip 384K Mask ROM
MSM9831 OKI-MSM9831 Datasheet
152Kb / 23P
VOICE SYNTHESIS LSI with on-chip 384Kbit MASK ROM
logo
NXP Semiconductors
TEA1069 PHILIPS-TEA1069 Datasheet
301Kb / 44P
Versatile speech/dialler/ringer with music-on-hold
1998 Jan 08
logo
OKI electronic componet...
ML2215 OKI-ML2215 Datasheet
197Kb / 26P
Speech Synthesizer plus Music LSI with On-Chip 3 Mbit Mask ROM
ML2201-XXX OKI-ML2201-XXX Datasheet
159Kb / 20P
Speech Synthesizer LSI with on-chip 384K Mask ROM
logo
King blillion Electroni...
SF23C3200B KB-SF23C3200B Datasheet
295Kb / 7P
32 Mbit CMOS Mask Programmable ROM
logo
List of Unclassifed Man...
FEDL2256X-08 ETC2-FEDL2256X-08 Datasheet
1Mb / 67P
4-Channel Mixing Speech Synthesis LSI with Built-in FLASH/MASK ROM
FEDL2257X-07 ETC2-FEDL2257X-07 Datasheet
1Mb / 67P
4-Channel Mixing Speech Synthesis LSI with Built-in FLASH/MASK ROM for Automotive
FEDL22594-04 ETC2-FEDL22594-04 Datasheet
895Kb / 73P
4-Channel Mixing Speech Synthesis LSI with Built-in MASK ROM for Automotive
N551C161 ETC2-N551C161 Datasheet
470Kb / 6P
16-Mbit Mask ROM with interface with Nuvoton PowerSpeech
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com