Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2213 Datasheet(PDF) 11 Page - OKI electronic componets

Part # ML2213
Description  Speech Synthesizer plus Music LSI with On-Chip 1.5 Mbit Mask ROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML2213 Datasheet(HTML) 11 Page - OKI electronic componets

Back Button ML2213 Datasheet HTML 7Page - OKI electronic componets ML2213 Datasheet HTML 8Page - OKI electronic componets ML2213 Datasheet HTML 9Page - OKI electronic componets ML2213 Datasheet HTML 10Page - OKI electronic componets ML2213 Datasheet HTML 11Page - OKI electronic componets ML2213 Datasheet HTML 12Page - OKI electronic componets ML2213 Datasheet HTML 13Page - OKI electronic componets ML2213 Datasheet HTML 14Page - OKI electronic componets ML2213 Datasheet HTML 15Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
FEDL 2213-01
1Semiconductor
ML2213
11/26
FUNCTIONAL DESCRIPTION
1. Specifying a user-defined phrase code for playback
The LSI allows a user to define up to 247 phrases. To playback a user-defined phrase, input a phrase code (phrase
address) in serial order, starting with the MSB, through the SD pin.
Figure 1.1 Timing for Phrase Code Input
When more than 8 SI clocks are input, the first 8-clock data is taken as valid data. Table 1.1 shows phrase codes
for user-defined phrases.
Table 1.1 Phrase Code for User-defined Phrase
MSB to LSB
Code Description
00000000
Stop Code
00000001
•
•
11110111
User-defined Phrase Codes
11111000
•
•
11111111
Test Codes*
Note: * No test codes could be used to represent a user-defined phrase.
2. Use-Prohibited Area in on-chip Mask ROM
As shown in the Table 2.1, the last 3 bytes of on-chip Mask ROM are use-prohibited. Be sure not to use the last 3
bytes when you prepare ROM data using an analyzing tool.
Table 2.1 shows addresses that are prohibited to use, and Figure 2.1 shows the address map of on-chip Mask ROM.
Table 2.1 User’s Data Area and Use-Prohibited Area in on-chip Mask ROM
User’s Data Area
Use-Prohibited Area
007C8 to 2FFFC
2FFFD, 2FFFE, 2FFFF
SD
SI
MSB 2SB
3SB
4SB
5SB
6SB
7SB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com