Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2213 Datasheet(PDF) 6 Page - OKI electronic componets

Part # ML2213
Description  Speech Synthesizer plus Music LSI with On-Chip 1.5 Mbit Mask ROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML2213 Datasheet(HTML) 6 Page - OKI electronic componets

Back Button ML2213 Datasheet HTML 2Page - OKI electronic componets ML2213 Datasheet HTML 3Page - OKI electronic componets ML2213 Datasheet HTML 4Page - OKI electronic componets ML2213 Datasheet HTML 5Page - OKI electronic componets ML2213 Datasheet HTML 6Page - OKI electronic componets ML2213 Datasheet HTML 7Page - OKI electronic componets ML2213 Datasheet HTML 8Page - OKI electronic componets ML2213 Datasheet HTML 9Page - OKI electronic componets ML2213 Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
FEDL 2213-01
1Semiconductor
ML2213
6/26
AC Characteristics
(V
DD = 2.4 to 5.5 V, GND = 0 V, Ta = –40 to +85°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
CLK Duty Cycle
f
duty
—40
50
60
%
RESET Input Pulse Width
t
W(
RST)
—10
—
—
µs
RESET Input Time after
Powering Up
t
D(
RST)
—0
—
—
µs
Serial Clock Pulse Width
t
W(Sl)
—
350
—
—
ns
Start Pulse Width
t
SDST
With 2-pin interfacing
1
—
—
µs
Serial Data Setup Time
t
SDS
—1
—
—
µs
Serial Data Hold Time
t
SSD
—1
—
—
µs
Serial Clock Setup Time
t
SlS
With 3-pin interfacing
1
—
—
µs
Serial Clock Hold Time
t
SSI
With 3-pin interfacing
1
—
—
µs
Analog Characteristics
(V
DD = 2.4 to 5.5 V, GND = 0 V, Ta = –40 to +85°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
AOUT Output Voltage Range
V
AO
—V
DD/4
—
V
DD
V
AOUT Pull-up Resistor Value
R
AO
—
2.5
—
5.0
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com