Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2213 Datasheet(PDF) 22 Page - OKI electronic componets

Part # ML2213
Description  Speech Synthesizer plus Music LSI with On-Chip 1.5 Mbit Mask ROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML2213 Datasheet(HTML) 22 Page - OKI electronic componets

Back Button ML2213 Datasheet HTML 18Page - OKI electronic componets ML2213 Datasheet HTML 19Page - OKI electronic componets ML2213 Datasheet HTML 20Page - OKI electronic componets ML2213 Datasheet HTML 21Page - OKI electronic componets ML2213 Datasheet HTML 22Page - OKI electronic componets ML2213 Datasheet HTML 23Page - OKI electronic componets ML2213 Datasheet HTML 24Page - OKI electronic componets ML2213 Datasheet HTML 25Page - OKI electronic componets ML2213 Datasheet HTML 26Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
FEDL 2213-01
1Semiconductor
ML2213
22/26
9.
Low Pass Filter
ML2213’s analog output goes through the built-in Low Pass Filter. The Figure 9.1 below shows Frequency
Characteristics and Table 9.1 shows Cut-off Frequency of the LPF.
No analog output passing through the LPF is available on this chip.
Figure 9.1 LPF Frequency Characteristics (f
SAM = 8 kHz)
Table 9.1 LPF Cut-off Frequency
Sampling Frequency (kHz)
(f
SAM)
Cut-off Frequency (kHz)
(f
CUT)
4.0
1.2
5.3
1.6
6.4
2.0
8.0
2.5
10.6
3.2
12.8
4.0
16.0
5.0
10. AOUT Connecting Circuit
It is recommended to connect a capacitor of 0.01 to 0.033
µF to the AOUT pin.
The circuit diaram is as shown below.
The capacitor is used for improving a voice quality. Check the voice quality before determining the capacitor
value. If the voice quality is excellent without connecting a capacitor, no capacitor is required.
[dB] 20
10
0
–10
–20
–30
–40
–50
–60
–70
–80
10
100
1 k
10 k
[Hz]
AOUT
0.01 to 0.033
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com