Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2213 Datasheet(PDF) 13 Page - OKI electronic componets

Part # ML2213
Description  Speech Synthesizer plus Music LSI with On-Chip 1.5 Mbit Mask ROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML2213 Datasheet(HTML) 13 Page - OKI electronic componets

Back Button ML2213 Datasheet HTML 9Page - OKI electronic componets ML2213 Datasheet HTML 10Page - OKI electronic componets ML2213 Datasheet HTML 11Page - OKI electronic componets ML2213 Datasheet HTML 12Page - OKI electronic componets ML2213 Datasheet HTML 13Page - OKI electronic componets ML2213 Datasheet HTML 14Page - OKI electronic componets ML2213 Datasheet HTML 15Page - OKI electronic componets ML2213 Datasheet HTML 16Page - OKI electronic componets ML2213 Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
FEDL 2213-01
1Semiconductor
ML2213
13/26
You must input the external clock to the CLK pin. Otherwise, serial data input cannot be acquired internally,
regardless t
SDST ≥ 1 µs or tSDST < 1 µs.
Figure 4.2 Timing Chart of Serial Input
As shown in Figure 4.2, re-inputting the Start-bit before the SI’s 8th clock cancels the preceding serial data entry,
and 8-clock data following the Start-bit is taken as valid data.
4.2 3-pin Controlled Serial Input Interface
3-pin interfacing uses the SD, SI and
ST pins to control interfacing.
Figure 4.3 Timing Chart of Serial Input
When 3-pin interfacing is selected, input to the SD and SI pins is enabled while the
ST pin being held “L”. Serial
data input to the SD pin is acquired to the internal register in synchronization with the falling edge of the SI’s 8th
clock as an 8-bit phrase code for a user-defined phrase. If the
ST pin is brought back to “H” before the SI’s 8th
clock, the preceding entry is cancelled, and 8-clock data after the
ST pin being brought back to “L” again is taken
as valid data.
SD
SI
NAR
BUSY
t
SDST
t
SDST
SD
SI
NAR
BUSY
ST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com