Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5600L Datasheet(PDF) 1 Page - ams AG

Part # AS5600L
Description  12-Bit Programmable On-Axis Magnetic Rotary Position Sensor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5600L Datasheet(HTML) 1 Page - ams AG

  AS5600L Datasheet HTML 1Page - ams AG AS5600L Datasheet HTML 2Page - ams AG AS5600L Datasheet HTML 3Page - ams AG AS5600L Datasheet HTML 4Page - ams AG AS5600L Datasheet HTML 5Page - ams AG AS5600L Datasheet HTML 6Page - ams AG AS5600L Datasheet HTML 7Page - ams AG AS5600L Datasheet HTML 8Page - ams AG AS5600L Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
ams Datasheet
Page 1
[v1-12] 2020-May-14
Document Feedback
AS5600L
12-Bit Programmable On-Axis
Magnetic Rotary Position Sensor
The AS5600L is an easy to program magnetic rotary position
sensor with a high-resolution 12-bit I²C or PWM output. This
contactless system measures the absolute angle of a diametric
magnetized on-axis magnet. This AS5600L is designed for
contactless potentiometer applications and its robust design
eliminates the influence of any homogenous external stray
magnetic fields.
The industry-standard I²C interface supports simple user
programming of non-volatile parameters without requiring a
dedicated programmer.
By default the output represents a range from 0 to 360 degrees.
It is also possible to define a smaller range to the output by
programming a zero angle (start position) and a maximum
angle (stop position).
The AS5600L is also equipped with a smart low power mode
feature to automatically reduce the power consumption.
An input pin (DIR) selects the polarity of the output with regard
to rotation direction. If DIR is connected to ground, the output
value increases with clockwise rotation. If DIR is connected to
VDD, the output value increases with counterclockwise
rotation.
The AS5600L is available in a standard SOIC-8 package and in a
WL-CSP for applications requiring small-sized sensing solutions
with a size of 2.07mm x 2.63mm x 0.6mm. Both variants are
qualified for a temperature range from -40°C to 125°C.
Ordering Information and Content Guide appear at end of
datasheet.
Key Benefits & Features
The benefits and features of AS5600L, 12-bit Programmable
Contactless Potentiometer are listed below:
Figure 1:
Added Value of Using AS5600L
Benefits
Features
• Highest reliability and durability
• Contactless magnetic angle measurement
• Simple programming
• Easy programming of start and stop positions in 3-wire mode
(no programmer needed) or over the I²C interface
• Multiple sensors on one I²C bus
• User programmable I²C address
General Description


Similar Part No. - AS5600L

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5600 AMSCO-AS5600 Datasheet
708Kb / 42P
12-bit Programmable Contactless Potentiometer
logo
OSRAM GmbH
AS5600 OSRAM-AS5600 Datasheet
1Mb / 44P
12-Bit Programmable Contactless Potentiometer
2018-Jun-20
logo
ams AG
AS5600 AMSCO-AS5600 Datasheet
818Kb / 43P
12-Bit Programmable Contactless Potentiometer
v1-06 2018-Jun-20
AS5600-ASOM AMSCO-AS5600-ASOM Datasheet
708Kb / 42P
12-bit Programmable Contactless Potentiometer
logo
OSRAM GmbH
AS5600-ASOM OSRAM-AS5600-ASOM Datasheet
1Mb / 44P
12-Bit Programmable Contactless Potentiometer
2018-Jun-20
More results

Similar Description - AS5600L

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5045 AMSCO-AS5045 Datasheet
506Kb / 24P
12 BIT PROGRAMMABLE MAGNETIC ROTARY ENCODER
logo
List of Unclassifed Man...
AS5145H ETC2-AS5145H Datasheet
425Kb / 36P
12-Bit Programmable Magnetic Rotary Encoder
logo
ams AG
AS5045B AMSCO-AS5045B Datasheet
393Kb / 33P
12-Bit Programmable Magnetic Position Sensor
AS5145H AMSCO-AS5145H Datasheet
425Kb / 36P
12-Bit Programmable Magnetic Rotary Encoder
AS5047D AMSCO-AS5047D Datasheet
633Kb / 37P
14-bit On-Axis Magnetic Rotary Position Sensor with 11-bit Decimal
AS5147 AMSCO-AS5147 Datasheet
739Kb / 35P
14-Bit On-Axis Magnetic Rotary Position Sensor
AS5247 AMSCO-AS5247 Datasheet
1Mb / 37P
14-bit Dual-die On-Axis Magnetic Rotary Position Sensor
AS5047P AMSCO-AS5047P Datasheet
539Kb / 40P
14-bit On-Axis Magnetic Rotary Position Sensor with 12-Bit Decimal
AS5147P AMSCO-AS5147P Datasheet
520Kb / 40P
14-Bit On-Axis Magnetic Rotary Position Sensor with 12-Bit Binary
AS5045 AMSCO-AS5045_V01 Datasheet
633Kb / 47P
12-Bit Programmable Magnetic Rotary Position Sensor
2017-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com