Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5600L Datasheet(PDF) 27 Page - ams AG

Part # AS5600L
Description  12-Bit Programmable On-Axis Magnetic Rotary Position Sensor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5600L Datasheet(HTML) 27 Page - ams AG

Back Button AS5600L Datasheet HTML 23Page - ams AG AS5600L Datasheet HTML 24Page - ams AG AS5600L Datasheet HTML 25Page - ams AG AS5600L Datasheet HTML 26Page - ams AG AS5600L Datasheet HTML 27Page - ams AG AS5600L Datasheet HTML 28Page - ams AG AS5600L Datasheet HTML 29Page - ams AG AS5600L Datasheet HTML 30Page - ams AG AS5600L Datasheet HTML 31Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
ams Datasheet
Page 27
[v1-12] 2020-May-14
Document Feedback
AS5600L − Register Description
Figure 27:
Option C: Programming a Maximum Angular Range Through the I²C Interface
Note(s):
1. After each register command, the new configuration is effective at the output at least 1 ms later.
2. It is recommended to perform a functional test after this procedure.
3. Once a bit in registers MANG, CONFIG and I2CADDR is permanent written to 1, it stays on 1 and cannot be changed to 0 anymore.
A bit which is 0 can be programmed to 1. Except the MSB bit of I2CADDR. Once the MSB bit of the slave address is programmed to
0, it cannot be changed to 1 again.
4. MANG can be written only if ZPOS and MPOS have never been permanently written (ZMCO = 00).
Use the correct hardware configuration shown in Figure 36 and Figure 37.
Step 1
Power up the AS5600L.
Step 2
Use the I²C interface to write the maximum angular range into the MANG register. For example, if
the maximum angular range is 90 degrees, write the MANG register with 0x400.
Configure additional configuration settings by writing the CONFIG and I2CADDR register (see I²C
Address Programming).
Wait at least 1 ms.
Proceed with Step 3 to permanently program the configuration.
Step 3
Perform a BURN_SETTINGS command to permanently program the device.
Wait at least 1 ms.
Step 4
Verify the BURN_SETTINGS command:
Write the commands 0x01, 0x11 and 0x10 sequentially into the register 0xFF to load the actual OTP
content.
Read and verify the MANG and CONF registers to verify that the BURN_SETTINGS command was
successful.
Proceed with Step 5 to permanently program a zero position. If the OUT pin is used for this option, the PGO pin
must be connected to GND.
Step 5
Position the magnet in the start position (zero angle).
Step 6
Pull the OUT pin to GND for at least 100 ms, then allow the pin to float. Alternatively, program the
zero position through the I²C interface (Option A).
Wait at least 1 ms.
Step 7
Verify the permanent programming by I²C (Option A) or check if OUT is permanently driven to GND
(Option B).
Step 8
Read and verify the permanently programmed registers again after a new power-up cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com