Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5600L Datasheet(PDF) 22 Page - ams AG

Part # AS5600L
Description  12-Bit Programmable On-Axis Magnetic Rotary Position Sensor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5600L Datasheet(HTML) 22 Page - ams AG

Back Button AS5600L Datasheet HTML 18Page - ams AG AS5600L Datasheet HTML 19Page - ams AG AS5600L Datasheet HTML 20Page - ams AG AS5600L Datasheet HTML 21Page - ams AG AS5600L Datasheet HTML 22Page - ams AG AS5600L Datasheet HTML 23Page - ams AG AS5600L Datasheet HTML 24Page - ams AG AS5600L Datasheet HTML 25Page - ams AG AS5600L Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
Page 22
ams Datasheet
Document Feedback
[v1-12] 2020-May-14
AS5600L − Register Description
CONF Register
The CONF register supports customizing the AS5600L.
Figure 23 shows the mapping of the CONF register.
Figure 23:
CONF Register
Note(s):
1. Forced in Low Power Mode (LPM)
ANGLE/RAW ANGLE Register
The RAW ANGLE register contains the unscaled and unmodified
angle. The scaled output value is available in the ANGLE register.
Note(s): If the range is configured for 360degress (default), the
ANGLE register has a 10-LSB hysteresis at the limit of the 360
degree range to avoid discontinuity points or toggling of the
output within one rotation.
Name
Bit Position
Description
PM(1:0)
1:0
Power Mode
00 = NOM, 01 = LPM1, 10 = LPM2, 11 = LPM3
HYST(1:0)
3:2
Hysteresis
00 = OFF, 01 = 1 LSB, 10 = 2 LSBs, 11 = 3 LSBs
OUTS(1:0)
5:4
Output Stage
00 = OUT set to VDD, 01 = OUT set to VDD, 10 = digital PWM
PWMF
(1:0)
7:6
PWM Frequency
00 = 115 Hz; 01 = 230 Hz; 10 = 460 Hz; 11 = 920 Hz
SF(1:0)
9:8
Slow Filter
00 = 16x (1); 01 = 8x; 10 = 4x; 11 = 2x
FTH(2:0)
12:10
Fast Filter Threshold
000 = slow filter only, 001 = 6 LSBs, 010 = 7 LSBs, 011 = 9 LSBs,100 = 18 LSBs, 101
= 21 LSBs, 110 = 24 LSBs, 111 = 10 LSBs
WD
13
Watchdog
0 = OFF, 1 = ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com