Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5600L Datasheet(PDF) 4 Page - ams AG

Part # AS5600L
Description  12-Bit Programmable On-Axis Magnetic Rotary Position Sensor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5600L Datasheet(HTML) 4 Page - ams AG

  AS5600L Datasheet HTML 1Page - ams AG AS5600L Datasheet HTML 2Page - ams AG AS5600L Datasheet HTML 3Page - ams AG AS5600L Datasheet HTML 4Page - ams AG AS5600L Datasheet HTML 5Page - ams AG AS5600L Datasheet HTML 6Page - ams AG AS5600L Datasheet HTML 7Page - ams AG AS5600L Datasheet HTML 8Page - ams AG AS5600L Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
Page 4
ams Datasheet
Document Feedback
[v1-12] 2020-May-14
AS5600L − Pin Assignments
Figure 5:
WL-CSP Pin Diagram (Top View)
Figure 6:
WL-CSP Pin Description
Note(s):
1. In case of 5V operation the VDD3V3 output is intended for internal use only. It must not be loaded with an external load.
Pin Number
Name
Type
Description
A1
DIR
Digital input
Direction polarity (GND = values increase clockwise,
VDD = values increase counterclockwise)
A2
TEST
Test pin
Connect to ground
A3
VDD5V
Supply
Positive voltage supply in 5V mode (requires 100 nF
decoupling capacitor)
B1
SCL
Digital input
I²C clock (consider external pull-up)
C1
TEST
Test pin
Connect to ground
C3
VDD3V3
Supply
Positive voltage supply in 3.3V mode (requires an external
1 μF decoupling capacitor in 5V mode)(1)
D1
SDA
Digital
input/output
I²C data (consider external pull-up)
D3
OUT
Digital output
PWM output. Fixed to VDD default. Enable in CONF register.
E1
PGO
Digital input
Program option (internal pull-up, connected to
GND = programming option B)
E2
TEST
Test pin
Connect to ground
E3
GND
Supply
Connect to ground
B2,B3,C2,D2
NC
Not connected
Do not connect
A
B
C
D
E
12
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com