Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5600L Datasheet(PDF) 17 Page - ams AG

Part # AS5600L
Description  12-Bit Programmable On-Axis Magnetic Rotary Position Sensor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5600L Datasheet(HTML) 17 Page - ams AG

Back Button AS5600L Datasheet HTML 13Page - ams AG AS5600L Datasheet HTML 14Page - ams AG AS5600L Datasheet HTML 15Page - ams AG AS5600L Datasheet HTML 16Page - ams AG AS5600L Datasheet HTML 17Page - ams AG AS5600L Datasheet HTML 18Page - ams AG AS5600L Datasheet HTML 19Page - ams AG AS5600L Datasheet HTML 20Page - ams AG AS5600L Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
ams Datasheet
Page 17
[v1-12] 2020-May-14
Document Feedback
AS5600L − Detailed Description
Figure 18:
Data Read
Depending on the state of the R/W bit, two types of data transfer
are possible:
Data Transfer from a Master Transmitter to a Slave Receiver
The first byte transmitted by the master is the slave address,
followed by R/W = 0. Next follows a number of data bytes. The
slave returns an acknowledge bit after each received byte. If the
slave does not understand the command or data it sends a not
acknowledge (NACK). Data is transferred with the most
significant bit (MSB) first.
Data Transfer from a Slave Transmitter to a Master Receiver
The master transmits the first byte (the slave address). The slave
then returns an acknowledge bit, followed by the slave
transmitting a number of data bytes. The master returns an
acknowledge bit after all received bytes other than the last byte.
At the end of the last received byte, a NACK is returned. The
master generates all of the SCL clock periods and the START and
STOP conditions. A transfer is ended with a STOP condition or
with a repeated START condition. Because a repeated START
condition is also the beginning of the next serial transfer, the
bus is not released. Data is transferred with the most significant
bit (MSB) first.
1
...
1
9
8
7
6
...
2
9
8
7
SDA
SCL
Start
Condition
Stop Condition or
Repeated Start Condition
MSB
R/W
ACK
LSB
ACK
Slave Address
Repeated if more Bytes are transferred



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com